Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TG358113 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # TG358113
Description  Apex II - Hinged TG.35 Ultra-Wideband 4G LTE Antenna
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TG358113 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  TG358113 Datasheet HTML 1Page - Taoglas antenna solutions TG358113 Datasheet HTML 2Page - Taoglas antenna solutions TG358113 Datasheet HTML 3Page - Taoglas antenna solutions TG358113 Datasheet HTML 4Page - Taoglas antenna solutions TG358113 Datasheet HTML 5Page - Taoglas antenna solutions TG358113 Datasheet HTML 6Page - Taoglas antenna solutions TG358113 Datasheet HTML 7Page - Taoglas antenna solutions TG358113 Datasheet HTML 8Page - Taoglas antenna solutions TG358113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
SPE-14-8-082/D/WY
Page 2 of 79
1. Introduction
The hinged Apex II TG.35 Ultra-Wideband Dipole Antenna has been designed to cover
all Cellular, ISM and Wi-Fi working frequencies in the 700-6000 MHz spectrum.
Evolved from the already highly successful Apex TG.30, this second generation has the
highest wide-band efficiency in its range of any terminal antenna on the market today.
The Apex II has been primarily designed for use with 4G LTE modules and devices that
require the highest possible efficiency and peak gain to deliver best in class throughput
on all major cellular (2G/3G/4G) bands worldwide for access points, terminals and
routers. High efficiency is vital for applications such as high speed video and real-time
streaming, or high capacity MIMO networks on public transportation.
This attractive slim-line antenna is ground plane independent, meaning it does not
need to be connected to the ground-plane of a device to radiate efficiently, on the
other hand neither is it seriously detuned by connecting to a ground-plane, thus
avoiding a problem notorious to smaller antennas.
It comes with a SMA (M) connector and swivel mechanism that allows the antenna part
to be rotated to fit in tight environments. The 90° hinge structure has been improved
and strengthened so that the antenna in a 90° position would not fall down to 180° in
vibration environment.
The Apex II is backward compatible with 3G and 2G cellular applications such as HSPA,
GSM, GPRS, UMTS, WI-FI and even has GPS included for Assisted GPS and/or E911
applications.
In summary the Apex II is the ideal solution for any device requiring high, reliable
performance. It will meet most type approval or carrier certification requirements from
an efficiency standpoint. The antenna also makes an excellent reference antenna for
test purposes. It has been designed as an omni-directional antenna and the radiation
patterns prove this, being stable across all bands.
Connector type is customizable. Housing comes in White too. Contact Taoglas regional
sales office for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com