Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDA1254-H-R68M Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # FDA1254-H-R68M
Description  Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FDA1254-H-R68M Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  FDA1254-H-R68M Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. FDA1254-H-R68M Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L size
12.6 ±0.3mm
W size
12.5 ±0.3mm
T size
5.4 mm
Size code in inch (mm)
5049 (126125)
Dimensions
A:13.5mm
B:1.8mm
C:7.7mm
Rated current (Isat) is specified when the decrease of the initial
inductance value at 20%. (The ambient reference temperature is 20℃.)
Rated current (Itemp) is specified when temperature of inductor the is
raised 40℃ by DC current. (The ambient reference temperature is 20℃.)
Packaging
code
Specifications
Minimum quantity
=P3
φ
330mm Embossed taping
500
Mass (Typ.)
1 piece
4.361g
Inductance
0.68µH ±20%
Inductance test frequency
0.1MHz
Rated current (Isat) (Based on Inductance change)
29100mA
Rated current (Itemp) (Based on Temperature rise)
23700mA
Max. of DC resistance
0.0015Ω
Operating temperature range (Self-temperature rise is included)
-20〜100℃
Class of magnetic shield
Metal Alloy
Absolute maximum voltage
30V DC
Series
FDA1254
FDA1254-H-R68M# “#”indicatesapackagespecificationcode.
< List of part numbers with package codes >
FDA1254-H-R68M=P3
Shape
Notes
References
Specifications
Last updated: 2017/07/18
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/


Similar Part No. - FDA1254-H-R68M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
FDA1254-H-R68M TOKO-FDA1254-H-R68M Datasheet
236Kb / 1P
Metal Alloy Inductors
More results

Similar Description - FDA1254-H-R68M

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-504 RHOMBUS-IND-L-504 Datasheet
39Kb / 1P
INDUCTOR
05/03/01
L-687 RHOMBUS-IND-L-687 Datasheet
17Kb / 1P
INDUCTOR
09/08/00
L-705 RHOMBUS-IND-L-705 Datasheet
38Kb / 1P
INDUCTOR
6/26/01
logo
KR Electronics, Inc.
2224 KR-2224 Datasheet
19Kb / 1P
Inductor
logo
XFMRS Inc.
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
INDUCTOR
XF1606T-XXX XFMRS-XF1606T-XXX Datasheet
45Kb / 1P
INDUCTOR
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
INDUCTOR
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
logo
XFMRS Inc.
1XF0100-VO XFMRS-1XF0100-VO Datasheet
51Kb / 1P
INDUCTOR
6XFXXX6-S3P XFMRS-6XFXXX6-S3P Datasheet
58Kb / 1P
INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com