Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL41x Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RGL41x
Description  Surface Mount Glass Passivated Junction Fast Switching Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RGL41x Datasheet(HTML) 3 Page - Vishay Siliconix

  RGL41x Datasheet HTML 1Page - Vishay Siliconix RGL41x Datasheet HTML 2Page - Vishay Siliconix RGL41x Datasheet HTML 3Page - Vishay Siliconix RGL41x Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BYM11-xxx, RGL41x
www.vishay.com
Vishay General Semiconductor
Revision: 11-Dec-13
3
Document Number: 88547
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
0
20
40
60
80
100
0.01
0.1
1
10
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 25 °C
1
10
100
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
1
10
100
0.1
1
10
100
Mounted on 0.20" x 0.27" (5 mm x 7 mm)
Copper Pad Areas
t - Pulse Duration (s)
DO-213AB
1st band denotes type and positive end (cathode)
1
st Band
Solderable Ends
D2 = D1
+ 0
- 0.008 (0.20)
D2
0.105 (2.67)
0.095 (2.41)
D1 =
0.022 (0.56)
0.018 (0.46)
0.022 (0.56)
0.018 (0.46)
0.205 (5.2)
0.185 (4.7)
Mounting Pad Layout
0.138 (3.5) MAX.
0.049 (1.25) MIN.
0.238 (6.0) REF.
0.118 (3.0) MIN.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com