Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG384AMIL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG384AMIL
Description  CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG384AMIL Datasheet(HTML) 2 Page - Vishay Siliconix

  DG384AMIL Datasheet HTML 1Page - Vishay Siliconix DG384AMIL Datasheet HTML 2Page - Vishay Siliconix DG384AMIL Datasheet HTML 3Page - Vishay Siliconix DG384AMIL Datasheet HTML 4Page - Vishay Siliconix DG384AMIL Datasheet HTML 5Page - Vishay Siliconix DG384AMIL Datasheet HTML 6Page - Vishay Siliconix DG384AMIL Datasheet HTML 7Page - Vishay Siliconix DG384AMIL Datasheet HTML 8Page - Vishay Siliconix DG384AMIL Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DG387A_MIL
S2
NC
IN
NC
NC
V–
V+
NC
D1
NC
D2
NC
S1
GND
Dual-In-Line
Top View
Metal Can
V–
Top View
NC
GND
S2
D1
D2
S1
IN
V+
(Substrate and Case)
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
2
3
4
5
6
7
8
9
10
DG387A_MIL
DG384A_MIL/387A_MIL
Vishay Siliconix
www.vishay.com
2
Document Number: 71679
S-04302—Rev. A, 16-Jul-01
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
TRUTH TABLE
Logic
SW1
SW2
0
ON
OFF
1
OFF
ON
Logic “0”
v 0.8 V
Logic “1”
w 4 V
ORDERING INFORMATION
Temp Range
Package
Part Number
DG384A_MIL
–55 to 125
_C
16-Pin CerDIP
DG384AAK/883
5962-9678801QEA
DG387A_MIL
_
14-Pin CerDIP
DG387AAK/883
–55 to 125
_C
10-Pin Metal Can
DG387AAA/883



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com