Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EO12 Datasheet(PDF) 1 Page - ams AG

Part # EO12
Description  EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

EO12 Datasheet(HTML) 1 Page - ams AG

  EO12 Datasheet HTML 1Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength.
Truth Table
A
B
Q
Capacitance
AB
Q
Ci (pF)
L
L
L
A
0.112
L
H
H
B
0.128
HL
H
HH
L
Area
Power
1.22 mils
2
10.92 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 5V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.2
L = 1.4
L = 2.0
L = 0.2
L = 1.4
L = 2.0
Delay A to Q
tpd_ar_qr
0.52
1.40
1.85
0.73
1.60
2.05
tpd_af_qr
0.30
1.22
1.67
0.37
1.23
1.66
tpd_ar_qf
0.22
0.90
1.29
0.38
1.07
1.38
tpd_af_qf
0.61
1.50
1.92
0.85
1.74
2.17
Delay B to Q
tpd_br_qr
0.59
1.48
1.94
0.82
1.71
2.15
tpd_bf_qr
0.32
1.23
1.69
0.46
1.28
1.70
tpd_br_qf
0.23
0.92
1.30
0.26
0.91
1.23
tpd_bf_qf
0.68
1.56
1.98
0.77
1.65
2.09
Output Slope A to Q
op_sl_ar_qr
0.85
3.68
5.08
0.83
3.70
5.16
op_sl_af_qr
0.75
3.80
5.23
1.08
3.82
5.32
op_sl_ar_qf
0.58
2.61
3.76
1.13
2.86
3.78
op_sl_af_qf
0.67
2.97
4.08
0.67
2.98
4.13
Output Slope B to Q
op_sl_br_qr
0.80
3.76
5.33
0.81
3.77
5.23
op_sl_bf_qr
0.81
3.70
5.22
1.17
3.75
5.18
op_sl_br_qf
0.58
2.62
3.71
1.07
2.72
3.77
op_sl_bf_qf
0.66
2.87
4.11
0.65
2.97
4.11
Sept. 1996
- 162 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
EO12
EO12


Similar Part No. - EO12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EO1804NPAS ETC2-EO1804NPAS Datasheet
99Kb / 2P
Photoelectrics Diffuse-reflective
EO1804NPAS-1 ETC2-EO1804NPAS-1 Datasheet
99Kb / 2P
Photoelectrics Diffuse-reflective
EO1804PPAS ETC2-EO1804PPAS Datasheet
99Kb / 2P
Photoelectrics Diffuse-reflective
EO1804PPAS-1 ETC2-EO1804PPAS-1 Datasheet
99Kb / 2P
Photoelectrics Diffuse-reflective
More results

Similar Description - EO12

ManufacturerPart #DatasheetDescription
logo
ams AG
OR62 AMSCO-OR62 Datasheet
13Kb / 2P
OR62 is a 6-input OR gate with 2x drive strength
NA72 AMSCO-NA72 Datasheet
13Kb / 2P
NA72 is a 7-input NAND gate with 2x drive strength
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
2-input OR gate with 2x drive strength
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
2-input NAND gate with one inverted input 2x drive strength
OR73 AMSCO-OR73 Datasheet
13Kb / 2P
7-input OR gate with 3x drive strength.
logo
List of Unclassifed Man...
EN13 ETC-EN13 Datasheet
10Kb / 1P
EN13 is a 2-input EXCLUSIVE-NOR (XNOR) gate with 3x drive strength.
NA82 ETC1-NA82 Datasheet
13Kb / 2P
NA82 is an 8-input NAND gate with 2x drive strength.
logo
ams AG
OR2 AMSCO-OR2 Datasheet
12Kb / 1P
2-input OR gate with 1x drive strength
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
5-input AND gate with 2x drive strength.
logo
ON Semiconductor
NC7SV86 ONSEMI-NC7SV86 Datasheet
390Kb / 11P
ULP-A 2-Input Exclusive-OR Gate
Revised March 2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com