Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERC01F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ERC01F
Description  GENERAL USE RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ERC01F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ERC01F Datasheet HTML 1Page - List of Unclassifed Manufacturers ERC01F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ERC01(F) (1.8A)
(200V to 400V / 1.8A )
Characteristics
Forward characteristics
VF [V]
Reverse characteristics
VR [V]
IF
[A]
IR
[µA]
Current derating (IF(AV)-Ta)
Surge capability
IF(AV)
[A]
IFSM
[A]
Ta [°C]
1
3
5
10
30
10
5
1.0
0.5
0
20
40
60
80
100
120
140
10
5
1.0
0.5
0
0.2
0.4
0.6
0.8
1.0
1.2
0
100
200
300
400
600
2.4
2.0
1.6
1.2
0.8
0.4
0
300
100
50
30
10
[time] (at 50Hz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com