Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMD050F Datasheet(PDF) 1 Page - Littelfuse

Part # ASMD050F
Description  Overcurrent Protection Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ASMD050F Datasheet(HTML) 1 Page - Littelfuse

  ASMD050F Datasheet HTML 1Page - Littelfuse ASMD050F Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PolySwitch®
PTC Devices
Overcurrent Protection Device
PRODUCT: ASMD050F
DOCUMENT: SCD26567
REV LETTER: F
REV DATE: JULY 26, 2016
PAGE NO.: 1 OF 2
© 2016 Littelfuse,Inc
Littelfuse.com
Specifications are subject to change without notice.
Revised July 26, 2016
Specification Status: Released
Maximum Electrical Ratings
Operating Voltage / Interrupt Current
60VDC / 10A
12VDC / 60A
5VDC / 125A
Marking:
Notes:
1. All metal surfaces are tin plated.
2. Devices cannot be wave soldered.
3. Drawing not to scale.
H
D
A
E
B
C
G
F
TABLE I. DIMENSIONS:
A
B
C
D
E
F
G
H
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
mm: 6.73
7.98
--
3.18
4.8
5.44
0.56
0.71
0.56
0.71
2.16
2.41
0.66
1.37
0.43
in*: (0.265) (0.314)
--
(0.125) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS**
TIME TO
TRIP**
RESISTANCE
VALUES
TRIPPED-STATE
POWER
DISSIPATION**
AMPS
AT 0°C
AMPS
AT 25°C
AMPS
AT 60°C
SECONDS AT
25°C, 1.95A
OHMS
AT 25°C
WATTS AT
25°C
HOLD
TRIP
HOLD
TRIP
HOLD
TRIP
MAX
MIN
MAX*
MAX
0.46
1.15
0.37
0.94
0.26
0.65
20
0.29
1.40
1.7
* Maximum resistance is measured both 1 hour post reflow and 1 hour post trip.
** Values specified were determined using PCB’s with 0.070”X1.5 ounce copper traces.
Reference Documents:
PS300, PS400
Precedence:
This specification takes precedence over documents referenced herein.
Effectivity:
Reference documents shall be the issue in effect on the date of invitation for bid.
CAUTION:
Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant
ELV Compliant
Pb-Free
Halogen Free*
* Halogen Free refers to: Br≤900ppm, Cl≤900ppm, Br+Cl≤1500ppm.
HF


Similar Part No. - ASMD050F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ASMD050F MACOM-ASMD050F Datasheet
322Kb / 22P
PolySwitch Resettable Devices Automotive Devices
ASMD050F MACOM-ASMD050F Datasheet
283Kb / 26P
PolySwitch Resettable Devices
ASMD050F MACOM-ASMD050F Datasheet
289Kb / 26P
PolySwitch Resettable Devices
More results

Similar Description - ASMD050F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TRF250-145U MACOM-TRF250-145U Datasheet
82Kb / 1P
Overcurrent Protection Device
RHEF800 MACOM-RHEF800 Datasheet
38Kb / 1P
Overcurrent Protection Device
logo
Littelfuse
AGRF800 LITTELFUSE-AGRF800 Datasheet
370Kb / 2P
Overcurrent Protection Device
AGRF1100 LITTELFUSE-AGRF1100 Datasheet
354Kb / 2P
Overcurrent Protection Device
AHEF1000 LITTELFUSE-AHEF1000 Datasheet
262Kb / 2P
Overcurrent Protection Device
AHRF100 LITTELFUSE-AHRF100 Datasheet
335Kb / 2P
Overcurrent Protection Device
AHRF600 LITTELFUSE-AHRF600 Datasheet
325Kb / 2P
Overcurrent Protection Device
AHRF1300 LITTELFUSE-AHRF1300 Datasheet
278Kb / 2P
Overcurrent Protection Device
ASMD150F LITTELFUSE-ASMD150F Datasheet
97Kb / 2P
Overcurrent Protection Device
RGEF300-1 LITTELFUSE-RGEF300-1 Datasheet
88Kb / 2P
Overcurrent Protection Device
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com