Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2045CT Datasheet(PDF) 1 Page - Littelfuse

Part # MBRF2045CT
Description  Free-wheeling diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MBRF2045CT Datasheet(HTML) 1 Page - Littelfuse

  MBRF2045CT Datasheet HTML 1Page - Littelfuse MBRF2045CT Datasheet HTML 2Page - Littelfuse MBRF2045CT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Rectifier
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:11/09/15
MBRF2045CT 2x 10A, 45V, ITO-220AB Common Cathode
MBRF2045CT
Maximum Ratings
Parameters
Symbol
Test Conditions
Max
Unit
Peak Inverse Voltage
V
RWM
-
45
V
Average Forward Current
I
F(AV)
50% duty cycle @T
C = 105°C,
rectangular wave form
10 (per leg)
A
20 (total device)
Peak One Cycle Non-Repetitive Surge
Current (per leg)
I
FSM
8.3ms,half Sine pulse
180
A
Pin out
RoHS Pb
Electrical Characteristics
Parameters
Symbol
Test Conditions
Max
Unit
Forward Voltage Drop*
V
F1
@ 20A, Pulse, T
J = 25 °C
0.84
V
V
F2
@ 20A, Pulse, T
J = 125 °C
0.72
Reverse Current (per leg)
I
R1
@V
R = rated VR TJ = 25 °C
1.0
mA
I
R2
@V
R = rated VR TJ = 125 °C
15.0
Junction Capacitance (per leg)*
C
T
@V
R = 5V, TC = 25 °C fSIG = 1MHz
400
pF
Typical Series Inductance (per leg)
L
S
Measured lead to lead 5 mm from package body
8.0
nH
RSM Isolation Voltage
(t = 1.0 second, R. H. < =30%,
T
A = 25 °C)
V
ISO
Clip mounting, the epoxy body away from the
heatsink edge by more than 0.110” along the
lead direction.
4500
V
Clip mounting, the epoxy body is inside the
heatsink.
3500
Screw mounting, the epoxy body is inside the
heatsink.
1500
* Pulse Width < 300μs, Duty Cycle <2%
Description
Applications
Littelfuse MBR series Schottky Barrier Rectifier is
designed to meet the general requirements of commercial
applications by providing high temperature, low leakage
and low V
F products.
It is suitable for high frequency switching mode power
supply, free-wheeling diodes and polarity protection
diodes.
• Switching mode power
supply
• Free-wheeling diodes
• DC/DC converters
• Polarity protection diodes
Features
• High junction
temperature capability
• Guard ring for enhanced
ruggedness and long
term reliability
• Low forward voltage drop
• High frequency operation
• Common cathode
configuration in
electrically isolated ITO-
220AB package
Pinout 1
D2-PAK & D-PAK
Common Cathode
Pinout 2
TO-220AB
Common Cathode
Pinout 3
ITO-220AB
Common Cathode
Pinout 4
ITO-220AB
Common Anode
Heat sink
Common
Cathode
1
3
Heat sink
1
3
2
1
3
2
Cathode
Cathode
1
3
2
Common
Anode
Common
Cathode
Common
Cathode
Anode
Anode
Anode
Anode
Anode
Anode
Common
Cathode
Heat sink
1
2
Pinout 5
TO-220AC
Cathode
Cathode
Anode


Similar Part No. - MBRF2045CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF2045CT MOTOROLA-MBRF2045CT Datasheet
90Kb / 4P
SWITCHMODE??Schottky Power Rectifirer
logo
General Semiconductor
MBRF2045CT GE-MBRF2045CT Datasheet
124Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Micro Commercial Compon...
MBRF2045CT MCC-MBRF2045CT Datasheet
386Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
GOOD-ARK Electronics
MBRF2045CT GOOD-ARK-MBRF2045CT Datasheet
257Kb / 3P
Dual Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF2045CT TSC-MBRF2045CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF2045CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB15N135IHRWG ONSEMI-NGTB15N135IHRWG Datasheet
195Kb / 10P
Monolithic Free Wheeling Diode
September, 2013 ??Rev. 0
NGTB30N135IHR1WG ONSEMI-NGTB30N135IHR1WG Datasheet
137Kb / 9P
Monolithic Free Wheeling Diode
September, 2015 ??Rev. 0
logo
Littelfuse
MBR1045 LITTELFUSE-MBR1045 Datasheet
618Kb / 3P
Free-wheeling diodes
MBR1060CTL LITTELFUSE-MBR1060CTL Datasheet
601Kb / 3P
Free-wheeling diodes
MBRB10100CT LITTELFUSE-MBRB10100CT Datasheet
591Kb / 3P
Free-wheeling diodes
MBRB20100CT LITTELFUSE-MBRB20100CT Datasheet
602Kb / 3P
Free-wheeling diodes
MBRF1060CTL LITTELFUSE-MBRF1060CTL Datasheet
625Kb / 3P
Free-wheeling diodes
MBRF2060CT LITTELFUSE-MBRF2060CT Datasheet
612Kb / 3P
Free-wheeling diodes
MBRF10100CTR LITTELFUSE-MBRF10100CTR Datasheet
618Kb / 3P
Free-wheeling diodes
MBRF10150CTL LITTELFUSE-MBRF10150CTL Datasheet
638Kb / 3P
Free-wheeling diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com