Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2060CT Datasheet(PDF) 3 Page - Littelfuse

Part # MBRF2060CT
Description  Free-wheeling diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MBRF2060CT Datasheet(HTML) 3 Page - Littelfuse

  MBRF2060CT Datasheet HTML 1Page - Littelfuse MBRF2060CT Datasheet HTML 2Page - Littelfuse MBRF2060CT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Schottky Barrier Rectifier
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:11/09/15
MBRF2060CT 2x 10A, 60V, ITO-220AB, Common Cathode
Dimensions- ITO-220AB
Symbol
Millimeters
Min
Typ
Max
A
4.30
4.50
4.70
A1
1.10
1.30
1.50
A2
2.80
3.00
3.20
A3
2.50
2.70
2.90
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
b2
1.50
1.60
1.75
b3
1.20
1.30
1.45
b4
1.60
1.70
1.85
c
0.55
0.60
0.75
D
14.80
15.00
15.20
E
9.96
10.16
10.36
e
-
2.55
-
e1
-
5.10
-
H1
6.50
6.70
6.90
L
12.70
13.20
13.70
L1
1.60
1.80
2.00
L2
0.80
1.00
1.20
L3
0.60
0.80
1.00
øP1
3.30
3.50
3.70
øP2
2.99
3.19
3.39
Q
2.50
2.70
2.90
θ1
-
5°
-
θ2
-
4°
-
θ3
-
10°
-
θ4
-
5°
-
θ5
-
5°
Packing Options
Part Number
Marking
Packing Mode
M.O.Q
MBRF2060CT
MBRF2060CT
50pcs / Tube
1000
Part Numbering and Marking System
MBR
= Device Type
F
= Package type
20
= Forward Current (20A)
60
= Reverse Voltage (60V)
CT
= Configuration
LF
= Littelfuse
YY
= Year
WW
= Week
L
= Lot Number
6
LF YYWWL
MBRF2060CT
Tube Specification
32mm
7mm
530mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com