Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS011F11 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # TLS011F11
Description  Shockwave 698~960/1575.42/1710~2700MHz Permanent Mount External Antenna N Type(M) connector
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TLS011F11 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  TLS011F11 Datasheet HTML 1Page - Taoglas antenna solutions TLS011F11 Datasheet HTML 2Page - Taoglas antenna solutions TLS011F11 Datasheet HTML 3Page - Taoglas antenna solutions TLS011F11 Datasheet HTML 4Page - Taoglas antenna solutions TLS011F11 Datasheet HTML 5Page - Taoglas antenna solutions TLS011F11 Datasheet HTML 6Page - Taoglas antenna solutions TLS011F11 Datasheet HTML 7Page - Taoglas antenna solutions TLS011F11 Datasheet HTML 8Page - Taoglas antenna solutions TLS011F11 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DSP-15-8-SPE-15-8-051/B/SS
Page 3 of 21
2.Specification
ELECTRICAL
Operation Bands
LTE
GSM850
GSM900
GPS
DCS
PCS
WCDMA
I
LTE
Frequency (MHz)
698~803
824~896
880~960
1575.4
2
1710~
1880
1850~
1990
1920~2
170
2300~2
700
Efficiency (%)
95.20
85.53
83.23
55.14
70.11
62.73
61.41
54.23
Peak Gain (dBi)
3.10
3.11
3.29
0.29
3.31
2.60
2.29
4.02
Average Gain (dBi)
-0.21
-0.68
-0.80
-2.58
-1.55
-2.02
-2.12
-2.77
Return Loss (dB)
<-6
<-10
<-8
<-5
<-6
<-6
<-6
<-7
Impedance
50 Ω
Polarization
Vertical
Radiation Property
Omni-Directional
Max Input Power
100W
MECHANICAL
Dimension (mm)
Height: 79.45mm(3.13") ; Diameter : 42mm(1.65")
Connector
N type (M)
Material
Housing : UV Resistant ABS ,
Base : Nickel Plated Zinc Alloy
Weight (g)
130
Rec. Torque for
Mounting
4.018 N∙m
Max. Torque for
Mounting
9.8 N∙m
ENVIRONMENTAL
Waterproof Rating
IP67 and IP69K
Operation
Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH
The antenna performance was measured on a 30cm*30cm ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com