Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLS01305721 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # TLS01305721
Description  Shockwave 698-960/1575.42/1710-2700MHz Permanent Mount External Antenna
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TLS01305721 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  TLS01305721 Datasheet HTML 1Page - Taoglas antenna solutions TLS01305721 Datasheet HTML 2Page - Taoglas antenna solutions TLS01305721 Datasheet HTML 3Page - Taoglas antenna solutions TLS01305721 Datasheet HTML 4Page - Taoglas antenna solutions TLS01305721 Datasheet HTML 5Page - Taoglas antenna solutions TLS01305721 Datasheet HTML 6Page - Taoglas antenna solutions TLS01305721 Datasheet HTML 7Page - Taoglas antenna solutions TLS01305721 Datasheet HTML 8Page - Taoglas antenna solutions TLS01305721 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DSP-15-8-SPE-15-8-064/C/SS Page 3 of 25
2.Specification
ELECTRICAL
Operation Band
LTE
GSM850
GSM900
GPS
DCS
PCS
WCDMA I
LTE
Operation Frequency
(MHz)
698~806
824~896
880~960
1575.42
1710~1880
1850~
1990
1920~21
70
2300~2690
On 30*30 cm ground plane
Efficiency (%)
30cm Cable Length
94.23
95.11
80.92
67.29
77.21
80.27
78.56
67.79
1m Cable Length
89.16
90.83
77.28
62.80
70.42
73.21
72.37
61.82
2m Cable Length
83.21
83.50
70.48
55.97
62.76
64.59
63.50
53.51
3m Cable Length
77.02
77.31
65.31
51.04
55.77
57.19
56.04
46.50
5m Cable Length
66.52
65.80
55.17
42.46
44.05
44.84
43.61
35.10
Peak Gain (dBi)
30cm Cable Length
3.22
3.32
3.15
2.08
3.90
3.82
3.73
4.64
1m Cable Length
3.02
3.12
2.95
1.78
3.50
3.42
3.33
4.24
2m Cable Length
2.72
2.82
2.55
1.28
3.00
2.92
2.73
3.64
3m Cable Length
2.42
2.42
2.25
0.88
2.50
2.32
2.23
3.02
5m Cable Length
1.72
1.72
1.55
0.08
1.50
1.32
1.13
1.82
Average Gain (dBi)
30cm Cable Length
-0.26
-0.22
-0.93
-1.72
-1.13
-0.96
-1.05
-1.71
1m Cable Length
-0.50
-0.42
-1.13
-2.02
-1.53
-1.36
-1.41
-2.11
2m Cable Length
-0.80
-0.79
-1.53
-2.52
-2.03
-1.90
-1.98
-2.74
3m Cable Length
-1.14
-1.12
-1.86
-2.92
-2.54
-2.43
-2.52
-3.35
5m Cable Length
-1.77
-1.82
-2.59
-3.72
-3.57
-3.49
-3.61
-4.58
Return Loss (dB)*
<-8
<-10
<-10
<-10
<-10
<-10
<-10
<-10
Impedance
50 Ω
Polarization
Vertical
Radiation Property
Omni-Directional
Max Input Power
100 Watts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com