Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EHA-L50L50-R01-L1 Datasheet(PDF) 2 Page - II-VI Marlow, Inc.

Part # EHA-L50L50-R01-L1
Description  Thermal Energy Harvesting Demo Unit Water to Water
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

EHA-L50L50-R01-L1 Datasheet(HTML) 2 Page - II-VI Marlow, Inc.

  EHA-L50L50-R01-L1 Datasheet HTML 1Page - II-VI Marlow, Inc. EHA-L50L50-R01-L1 Datasheet HTML 2Page - II-VI Marlow, Inc. EHA-L50L50-R01-L1 Datasheet HTML 3Page - II-VI Marlow, Inc. EHA-L50L50-R01-L1 Datasheet HTML 4Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EHA-L37L37-R01-L1 or EHA-L50L50-R01-L1
DOC # 102-0389 REV 3 - PAGE 2 OF 4
MECHANICAL DRAWING
Dimensions are in Millimeters
INSTALLATION:
Assembly should be mounted to hot and cold fluid lines
using the provided mounting brackets and M 3 bolts
with a maximum torque of 5.0 in-lbs.
A layer of
graphite has been adhered to the pipe mounting surface
on the EHA-LXXLXX-R01-L1 to ensure a good thermal
contact between the mounting pipe and the EHA
assembly. Performance will vary greatly with ambient
conditions. For best results, insulate the fluid lines
feeding into the assembly. During installation, observe
precautions for handling electrostatic sensitive devices.
CONTENTS:
1 EHA-LXXLXX-R01-L1 Assembly, 1
Wire Harness
OPERATION CAUTIONS:
For maximum reliability, continuous operation below
85°C is recommended. Do not attempt to disassemble
without contacting a Marlow engineer. Doing so could
result in permanent damage to the TG or other system
components.
IMPORTANT NOTE:
Output from the EH-A-LXXLXX-R01-L1 is strongly a
function of heat source, ambient temperature, and
electrical load downstream of the converter.
Data
given on this sheet is representative of typical system
performance under steady-state flow and thermal
conditions and is intended for selecting the appropriate
EH series assembly. The data should not be taken as
comprehensive or representative of every operating
condition.
For further information about or questions
regarding the EHA-LXXLXX-R01-L1, please contact a
Marlow applications engineer.
AVAILABLE MODIFICATIONS
Marlow can custom design the EH system to maximize power
output, or to meet size, form factor, or temperature
constraints for any thermal energy harvesting application. In
special cases, Marlow can customize units to accommodate
alternating temperature difference or a reverse temperature
difference. Contact an application engineer for more
information.
PIN FUNCTIONS
VOUT (PIN 1)
Main output of the converter.
The voltage at this pin is
regulated to the voltage selected by VS1 and VS2. To select
an output voltage, change the jumper locations at VS1 and
VS2 on the board according to the VOUT Options table below.
Pin 1 may be connected to an auxiliary capacitor. A 220μF
capacitor is already connected to this pin. See Application
Notes sections of this datasheet for more information.
WIRE
COLOR
FUNCTION
PIN
RED
VOUT
1
BLACK
GND1
2
WHITE
VLDO
3
BROWN
GND2
4
GREY
PGD
5
GREEN
VSTORE
6
BLUE
T
COLD
7
ORANGE
T
COLD
8
YELLOW
T
HOT
9
PURPLE
T
HOT
10
A
(mm)
B
(mm)
Model Number
9.5
34.4
EHA-L37L37-R01-L1
12.7
40.4
EHA-L50L50-R01-L1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com