Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FH101 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # FH101
Description  High Dynamic Range FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

FH101 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  FH101 Datasheet HTML 1Page - WJ Communication. Inc. FH101 Datasheet HTML 2Page - WJ Communication. Inc. FH101 Datasheet HTML 3Page - WJ Communication. Inc. FH101 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WJ Communications, Inc. • Phone: 1-800-WJ1-4401 • FAX: 408-577-6620 • e-mail: sales@wj.com • Web site: www.wj.com
April 2004
Typical Test Data
S-Parameters (Vds = +5 V, 100% Idss, T = 22°C, de-embedded into package device in a 50 ohm system)
Freq (GHz) S11 (Mag) S11 (Ang) S21 (dB) S21 (Mag) S21 (Ang) S12 (Mag) S12 (Ang) S22 (Mag) S22 (Ang) K Value
0.05
0.997
-3.940
19.789
9.760
175.000
0.002
97.900
0.502
-6.360
0.0004
0.30
0.993
-22.800
19.370
9.300
162.000
0.015
76.000
0.492
-15.200 0.0570
0.55
0.968
-42.900
19.133
9.050
147.000
0.027
66.100
0.455
-26.300 0.1303
0.80
0.928
-62.100
18.639
8.550
133.000
0.037
54.400
0.424
-36.400 0.2302
1.05
0.905
-79.100
18.116
8.050
121.000
0.046
45.800
0.398
-47.300 0.2490
1.30
0.868
-95.800
17.478
7.480
109.000
0.053
35.500
0.361
-56.700 0.3267
1.55
0.841
-111.000
16.852
6.960
97.500
0.059
27.400
0.329
-66.400 0.3761
1.80
0.815
-126.000
16.191
6.450
86.900
0.063
20.100
0.308
-75.000 0.4231
2.05
0.780
-142.000
15.519
5.970
76.800
0.068
13.400
0.296
-81.500 0.4842
2.30
0.766
-155.000
14.901
5.560
67.300
0.071
6.700
0.268
-89.400 0.5293
2.55
0.754
-168.000
14.253
5.160
58.300
0.073
0.425
0.240
-96.100 0.5844
2.80
0.754
-180.000
13.679
4.830
49.600
0.074
-5.810
0.216
-103.000 0.6190
3.05
0.748
169.000
13.103
4.520
41.200
0.075
-12.300
0.191
-110.000 0.6719
S-Parameters (Vds = +3.3 V, 50% Idss, T = 22°C, de-embedded into package device in a 50 ohm system)
Freq (GHz) S11 (Mag) S11 (Ang) S21 (dB) S21 (Mag) S21 (Ang) S12 (Mag) S12 (Ang) S22 (Mag) S22 (Ang) K Value
0.05
0.998
-3.580
18.900
8.810
176.000
0.002
105.000
0.387
-3.780
-0.0299
0.30
0.994
-21.200
18.700
8.610
163.000
0.016
78.500
0.392
-16.300
0.0449
0.55
0.973
-39.900
18.547
8.460
149.000
0.030
66.900
0.360
-29.600
0.1249
0.80
0.935
-58.000
18.105
8.040
136.000
0.042
55.800
0.337
-42.100
0.2164
1.05
0.915
-74.200
17.696
7.670
123.000
0.052
46.900
0.317
-55.600
0.2394
1.30
0.880
-90.300
17.122
7.180
112.000
0.061
37.200
0.285
-67.900
0.3035
1.55
0.853
-105.000
16.547
6.720
100.000
0.068
28.700
0.259
-81.000
0.3513
1.80
0.826
-120.000
15.959
6.280
89.900
0.073
20.800
0.250
-93.100
0.3876
2.05
0.788
-136.000
15.402
5.890
79.700
0.080
14.000
0.236
-102.000 0.4513
2.30
0.772
-150.000
14.807
5.500
70.000
0.083
6.160
0.215
-115.000 0.4923
2.55
0.757
-163.000
14.185
5.120
60.800
0.087
-0.455
0.189
-126.000 0.5445
2.80
0.755
-175.000
13.625
4.800
52.000
0.089
-6.810
0.169
-138.000 0.5746
3.05
0.747
174.000
13.064
4.500
43.400
0.090
-13.400
0.150
-152.000 0.6242
FH101
High Dynamic Range FET
Product Information
The Communications Edge™
Specifications and information are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com