Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FK-130 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FK-130
Description  FK-130RH
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FK-130 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FK-130 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Headquarters)
430 Matsuhidai,Matsudo-shi,Chiba-ken,270-2280 Japan
Tel:047-384-9520 (Sales Dept)
(本社)
〒270-2280 千葉県松戸市松飛台430
Tel:047-384-9520(営業部)
2 HOLES
φ1.8
DIRECTION OF ROTATION
12.4
2.0xt0.3
2.4
25.1
38.0
1.6
9.6
RED MARK
(–)
(+)
15.2
20
¡20´ REF.
φ20.4
FK-130RH-09490
12.0V
FK-130SH-09450
12.0V
代表的用途/OA機器
Typical Applications / Office Automation Equipments
¡プリンター
¡Printer
¡FAXカッター
¡FAX Paper Cutter
自動車電装機器
Automotive Products
¡鏡面駆動
¡Rearview Mirror
¡光軸調整
¡Head Light Beam Level Adjuster
FK-130RH SH
WEIGHT: 24g (APPROX)
Carbon-brush motors
UNIT: MILLIMETERS
/
75
50
25
0.75
0.50
0.25
15,000
10,000
5,000
IN
η
I
N
[g·cm]
[mN·m]
TORQUE
25
50
2.5
5
Is 0.41
Ts
40
η
75
50
25
0.75
0.50
0.25
15,000
10,000
5,000
IN
η
I
N
[g·cm]
[mN·m]
TORQUE
25
50
2.5
5
Is 0.47
Ts 60
η
VOLTAGE
NO LOAD
AT MAXIMUM EFFICIENCY
STALL
MODEL
SPEED CURRENT SPEED CURRENT
TORQUE
OUTPUT
TORQUE
CURRENT
r/min
A
r/min
A
g·cm
mN·m
W
g·cm
mN·m
A
FK-130RH-09490
6 ~ 18
12V CONSTANT
9000
0.034
6900
0.12
8.5
0.83
0.60
40
3.92
0.41
FK-130SH-09450
6 ~ 24
12V CONSTANT
7200
0.035
6100
0.11
10
0.98
0.63
60
5.88
0.47
NOMINAL
OPERATING
RANGE
OUTPUT: APPROX 0.2W~10W


Similar Part No. - FK-130

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
FK-130 PROMOCO-FK-130 Datasheet
205Kb / 1P
DC Motor
logo
List of Unclassifed Man...
FK-130 ETC-FK-130 Datasheet
31Kb / 1P
Typical Applications / Office Automation Equipments
FK-130RH ETC-FK-130RH Datasheet
31Kb / 1P
Typical Applications / Office Automation Equipments
FK-130RH-09490 ETC-FK-130RH-09490 Datasheet
31Kb / 1P
Typical Applications / Office Automation Equipments
FK-130SH ETC-FK-130SH Datasheet
31Kb / 1P
Typical Applications / Office Automation Equipments
More results

Similar Description - FK-130

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-FK1C471GP PANASONIC-EEE-FK1C471GP Datasheet
105Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1V151AP PANASONIC-EEE-FK1V151AP Datasheet
70Kb / 2P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1C220AR PANASONIC-EEE-FK1C220AR Datasheet
83Kb / 2P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1E330P PANASONIC-EEE-FK1E330P Datasheet
115Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1J470P PANASONIC-EEE-FK1J470P Datasheet
115Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1C681P PANASONIC-EEE-FK1C681P Datasheet
114Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1J101P PANASONIC-EEE-FK1J101P Datasheet
115Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1J220P PANASONIC-EEE-FK1J220P Datasheet
115Kb / 4P
Aluminum Electrolytic Capacitors/ FK
EEE-FK1E331GP PANASONIC-EEE-FK1E331GP Datasheet
114Kb / 4P
Aluminum Electrolytic Capacitors/ FK
logo
PHOENIX CONTACT
3131138 PHOENIX-3131138 Datasheet
56Kb / 2P
ESB 2-FK
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com