Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS28V-R20130-CH Datasheet(PDF) 3 Page - Kemet Corporation

Part # SS28V-R20130-CH
Description  SS Coils, SS28V/H-CH Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS28V-R20130-CH Datasheet(HTML) 3 Page - Kemet Corporation

  SS28V-R20130-CH Datasheet HTML 1Page - Kemet Corporation SS28V-R20130-CH Datasheet HTML 2Page - Kemet Corporation SS28V-R20130-CH Datasheet HTML 3Page - Kemet Corporation SS28V-R20130-CH Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0031_SS28V/H-CH • 3/28/2017
AC Line Filters – SS Coils, SS28V/H-CH Type
Specifications
Frequency Characteristics
Notes on Use
Shelf Life
• Usewithin6months.Iftheproductisusedafterastorageperiodof6monthsorlonger,confirmitssolderability
before use.
Storage Condition
• Avoid storage in high temperature and high humidity environment, as such condition may deteriorate the solderability
of external electrode.
• Avoid storage in atmosphere containing toxic gases or acid (e.g., sulphur and chlorine), as such gas may deteriorate
the solderability of external electrode.
• Avoidstoragenearstrongmagneticfield,assuchconditionmaymagnetizetheproduct.
Item
SS28V/H-CH
Rated Voltage
250 VAC
Withstanding Voltage
2,400 VAC (2 seconds, between lines)
Insulation Resistance
>100MΩat500VDC(betweenlines)
Thermal Class
E (120°C)
Operating Temperature Range
−25°CtoT(T=120–temperaturerise)
Inductance Measurement Condition
1 kHz, 1 V, KC530
AC Line Filters
53
Common mode
Frequency characteristic
1k
10k
100k
1M
10M
30M
1
10
100
1k
10k
100k
1M
Frequency (Hz)
10250
25046
20075
15100
08350
10250
25046
20075
15100
08350
1k
10k
100k
1M
10M
30M
1
10
100
1k
10k
100k
1M
Frequency (Hz)
K08530
K25075
K20115
K15155
K10410
K08530
K25075
K20115
K15155
K10410
1k
10k
100k
1M
10M
30M
1
10
100
1k
10k
100k
1M
Frequency (Hz)
R08600
R25080
R20130
R15170
R10450



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com