Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS28V-R25080-CH Datasheet(PDF) 1 Page - Kemet Corporation

Part # SS28V-R25080-CH
Description  SS Coils, SS28V/H-CH Type
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SS28V-R25080-CH Datasheet(HTML) 1 Page - Kemet Corporation

  SS28V-R25080-CH Datasheet HTML 1Page - Kemet Corporation SS28V-R25080-CH Datasheet HTML 2Page - Kemet Corporation SS28V-R25080-CH Datasheet HTML 3Page - Kemet Corporation SS28V-R25080-CH Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
LF0031_SS28V/H-CH • 3/28/2017
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Inductances up to 60 mH
• Rated Currents up to 2.5 A
• DCResistancesaslowas0.16Ω
Overview
TheKEMETSSCoils,SS28V/H-CHTypeAClinefiltersare
offeredinawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SS Coils, SS28V/H-CH Type
AC Line Filters
52
Common mode
SS28V/H-08350-CH
0.95
SS28V/H-10250-CH
0.65
0.8
1.0
35
25
29.6
31.0
45
45
SS28V/H-15100-CH
0.35
1.5
10
27.6
50
SS28V/H-20075-CH
0.22
2.0
7.5
30.3
45
32.0
33.4
30.0
32.7
SS28V/H-25045-CH
0.16
0.95
0.65
0.35
0.22
0.16
0.95
0.65
0.35
0.22
0.16
2.5
0.8
1.0
1.5
2.0
2.5
0.8
1.0
1.5
2.0
2.5
4.5
30.5
45
45
45
50
45
45
45
45
50
45
45
32.9
29.6
31.0
27.6
30.3
32.0
33.4
30.0
32.7
30.5
32.9
29.6
31.0
27.6
30.3
32.0
33.4
30.0
32.7
30.5
32.9
SS28V/H-K08530-CH
53
SS28V/H-K10410-CH
41
SS28V/H-K15155-CH
15.5
SS28V/H-K20115-CH
11.5
SS28V/H-K25075-CH
7.5
SS28V/H-R08600-CH
60
SS28V/H-R10450-CH
45
SS28V/H-R15170-CH
17
SS28V/H-R20130-CH
13
SS28V/H-R25080-CH
8.0
SS Coils
SS28V/H-CH Type
[RoHS Compliant]
• Rated voltage:250VAC
• Withstanding voltage: 2400VAC (2sec between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines) • Thermal class: E (120˚C) 
• Operating temperature range (˚C): –25 to T (T=120–temperature rise)
• Inductance measurement condition: 1kHz, 1V, KC530
Model
DC resistance
( /line)
max.
Temperature
rise(K)
max.
Inductance
(mH)
min.
Rated
current
AC(A)
Numbering System
Series
Core size ; shupe (V : vertical)
Core Type (no marking stands for standard type)
Rated current (08 stands for 0.8A)
Inductance (350 stands for 35mH)
Product type
SS 28V/H - 08 350 - CH
�
�
� � �
�
Shape and Dimensions
[mm]
bSS28V
bSS28H
24
30 max.
24±0.5
20±0.5
ø0.8
30 max.
30 max.
13±0.5
22 max.
10±0.5
13
ø0.8
SS Coils
SS28V/H-CH Type
[RoHS Compliant]
VH
Weight approx.(g)
Part Number System
SS
28
V-
R
08
600-
CH
Series
Core
Size (mm)
Core
Orientation
Core Type
Rated Current (A)
Minimum Inductance (mH)
Product
Type
SS
28 = 28.0
V- = Vertical
H- = Horizontal
Blank = Standard
K=Highpermeability(μ≈8,000)
R=Highpermeability(μ≈10,000)
0x = 0.x A (e.g., 08 = 0.8 A)
xx = x.x A (e.g., 15 = 1.5 A)
xx0- = xx mH (e.g., 600- = 60 mH)
0xx- = x.x mH (e.g., 045- = 4.5 mH)
CH


Similar Part No. - SS28V-R25080-CH

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SS28 MCC-SS28 Datasheet
625Kb / 3P
2 Amp Schottky Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
SS28 FAIRCHILD-SS28 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
DAESAN ELECTRONIC CORP.
SS28 DAESAN-SS28 Datasheet
310Kb / 2P
CURRENT 2.0Amperes VOLTAGE 20 to 100 Volts
logo
Galaxy Semi-Conductor H...
SS28 BILIN-SS28 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
MIC GROUP RECTIFIERS
SS28 MIC-SS28 Datasheet
94Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS28V-R25080-CH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS17VA-R03155 KEMET-SS17VA-R03155 Datasheet
479Kb / 8P
SS Coils, SS17VA/HA Type
SS26V-R051170 KEMET-SS26V-R051170 Datasheet
377Kb / 6P
SS Coils, SS26V Type
SS21V-R031380 KEMET-SS21V-R031380 Datasheet
385Kb / 6P
SS Coils, SS21V Type
SS35V-15300 KEMET-SS35V-15300 Datasheet
387Kb / 5P
SS Coils, SS35V/H Type
SS11V-R03550-CH KEMET-SS11V-R03550-CH Datasheet
411Kb / 6P
SS Coils, SS11V/H-CH Type
SS17HB-R13020 KEMET-SS17HB-R13020 Datasheet
409Kb / 6P
SS Coils, SS17HB Type
SS20H-R03660 KEMET-SS20H-R03660 Datasheet
265Kb / 4P
SS Coils, SS20H Type
SS24V-R05600-CH KEMET-SS24V-R05600-CH Datasheet
267Kb / 4P
SS Coils, SS24V/H-CH Type
SS30V-R080960 KEMET-SS30V-R080960 Datasheet
337Kb / 5P
SS Coils, SS30V Type
SS11H-03550-CH KEMET-SS11H-03550-CH_V01 Datasheet
346Kb / 6P
Common Mode SS Coils, 11V/H-CH Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com