Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGIP254A02 Datasheet(PDF) 13 Page - Taoglas antenna solutions

Part # CGIP254A02
Description  25mm Iridium Ceramic Patch Antenna
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CGIP254A02 Datasheet(HTML) 13 Page - Taoglas antenna solutions

Back Button CGIP254A02 Datasheet HTML 7Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 8Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 9Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 10Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 11Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 12Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 13Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 14Page - Taoglas antenna solutions CGIP254A02 Datasheet HTML 15Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SPE-11-8-132/H/WY
Page 13 of 15
7. PCB Layout Recommendation
*The antenna feeding in transmission line should connect with theφ2.5 circle at the
Bottom Side, and keep transmission line impedance at 50 ohms for good power
transmit from system to antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com