Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FW24NTYM Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FW24NTYM
Description  Meteor-2.4GHz Flexible Whip Monopole Antenna N Type(M) Straight
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW24NTYM Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FW24NTYM Datasheet HTML 1Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 2Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 3Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 4Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 5Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 6Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 7Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 8Page - Taoglas antenna solutions FW24NTYM Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DSP-15-8-SPE-15-8-033/B/AW Page 2 of 15
1.Introduction
The FW.24 is a flexible 2.4GHz omni-directional whip antenna with an N type (M)
connector for outdoor use. It features excellent efficiency (>75%) and high peak gain
(>4 dBi) between 2400-2500MHz on a 30x30 cm ground plane.
The antenna was specifically developed for applications in outdoor monitoring systems,
such as weather monitoring, motion/vibration sensors, and pollutants monitoring.
The FW.24 works in the 2.4GHz WiFi/Bluetooth/ISM band. It has excellent
omni-directional radiation properties providing a wide coverage area in the azimuth. Its
high efficiency means that it allows your radio to consume less power than with a lower
efficiency antenna when transferring data, while also achieving better sensitivity of
reception. The antenna performs at its best while attached to a ground plane with
dimensions of at least 30x30 cm, though it can be used even without ground-plane.
The whip is made of a flexible inner steel core covered by PE so it is extremely resistant
to abrasion and springs back to its original shape if bent. The rugged design and its
housing’s IP67 rating ensure it can withstand bad weather, environmental stress and
physical shock in the field.
Many module manufacturers specify peak gain limits for any antennas that are to be
connected to that module. Those peak gain limits are based on free-space conditions. In
practice, the peak gain of an antenna tested in free-space can degrade by at least 1 or
2dBi when put inside a device. So ideally you should go for a slightly higher peak gain
antenna than mentioned on the module specification to compensate for this effect,
giving you better performance.
Upon testing of any of our antennas with your device and a selection of appropriate
layout, integration technique, or cable, Taoglas can make sure any of our antennas’ peak
gain will be below the peak gain limits. Taoglas can then issue a specification and/or



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com