Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FW90SMAM Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FW90SMAM
Description  Flexible Whip Monopole Antenna LTE / Cellular / CDMA Antenna For 4G/3G/2G Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW90SMAM Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FW90SMAM Datasheet HTML 1Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 2Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 3Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 4Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 5Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 6Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 7Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 8Page - Taoglas antenna solutions FW90SMAM Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SPE-11-8-142/H/SS
Page 2 of 15
1.Introduction
The FW.90 is a flexible cellular whip antenna with IP67 housing. It has a wide response
and high peak gain. Ideal for outdoor environments which require high gain, on both
lower and upper bands. It's unique characteristic is it has stable above 2dBi peak gain on
all five common 2G/3G GSM/CDMA cellular bands used worldwide (when attached to a
30cm*30cm metal plate). The antenna radiates best attached to a metal plate but it can
still perform without as evidenced by the table below.
For a waterproof integration to a metal box a waterproof panel mount SMA connector or
cable assembly can be provided. TNC and N type antenna versions also available.
The FW.90 can be used with a Wall Mounting Bracket, and we have designed an L Shaped
Bracket for use with the Whip Antenna, the part number for this option is WM.90.
A305111. Testing of the whip antenna on the bracket, in free-space, and on a reference
ground-plane has been done to show the benefit of the L-bracket.
This antenna delivers wider coverage areas and more reliable connections for
professional customers in the automotive, industrial industries. The whip is made up of
a flexible inner steel core covered by TPU so extremely resistant to collisions and
maintaining its original shape and RF performance. The whip and the connection
internally to the bracket is completely IP67 waterproof.
The bracket allows complete concealment of the cable for a more secure integration and
cleaner installation. The cable can also be routed out of the back wall of the bracket into
the interior of the mounting wall for added security against vandalism. The standard
version comes with 3M extremely low loss CFD200 (0.3dB against 0.7dB for RG58) to
allow for flexibility of placement.
Customized frequency and gain versions can be supplied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com