Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA01 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # ILA01
Description  Low Profile and High Efficiency 915 MHz ISM Band Loop Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ILA01 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  ILA01 Datasheet HTML 1Page - Taoglas antenna solutions ILA01 Datasheet HTML 2Page - Taoglas antenna solutions ILA01 Datasheet HTML 3Page - Taoglas antenna solutions ILA01 Datasheet HTML 4Page - Taoglas antenna solutions ILA01 Datasheet HTML 5Page - Taoglas antenna solutions ILA01 Datasheet HTML 6Page - Taoglas antenna solutions ILA01 Datasheet HTML 7Page - Taoglas antenna solutions ILA01 Datasheet HTML 8Page - Taoglas antenna solutions ILA01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPE-12-8-079/C/WY
Page 2 of 12
1. Introduction
The ILA.01 is a 915 MHz ISM band antenna with excellent efficiency, 60% at the center
frequency and 45% at the band edges. This antenna works the best when placed at the center of
the board edge. The antenna, at 10 x 3.2 x 0.5 mm, is low profile and would be suitable for
devices with space constraints. The ILA.01 is delivered on tape and reel and now allows M2M
customers to use an omni-directional SMT antenna. The omni-directional radiation
characteristics allow for excellent performance regardless of device orientation. This is especially
useful for devices that are not fixed in one particular spot during use. When there is little PCB
space available for antenna placement, but high performance is required, the ILA.01 is the ideal
choice. The ILA.01 Loop antenna can be used in automated meter reading (AMR), radio
frequency identification (RFID), remote monitoring, healthcare, sensing, and other 915 MHz
applications.
2. Specification
ELECTRICAL
ANTENNA
ILA.01
STANDARD
915 MHz ISM
Operation Frequency (MHz)
902-928 MHz
Polarization
Linear
Impedance
50 Ohms
Max VSWR (dBi)
2:1
Max Return Loss (dB)
-10
Peak Gain
1 dBi
Efficiency (%)
50 typ.
Average Gain (dB)
-3
Radiation Properties
Omni-directional
Max Input Power
5 W
* The ILA.01 antenna performance was measured with 80x40 mm ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com