Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA02 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # ILA02
Description  Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ILA02 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  ILA02 Datasheet HTML 1Page - Taoglas antenna solutions ILA02 Datasheet HTML 2Page - Taoglas antenna solutions ILA02 Datasheet HTML 3Page - Taoglas antenna solutions ILA02 Datasheet HTML 4Page - Taoglas antenna solutions ILA02 Datasheet HTML 5Page - Taoglas antenna solutions ILA02 Datasheet HTML 6Page - Taoglas antenna solutions ILA02 Datasheet HTML 7Page - Taoglas antenna solutions ILA02 Datasheet HTML 8Page - Taoglas antenna solutions ILA02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPE-12-8-080/C/RC
Page 3 of 12
MECHANICAL
Dimensions (mm)
10x3.2x0.5
Required Space (mm)
11x10.4
Material
Ceramic
EVB Connector
SMA(F)
ENVIRONMENTAL
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 105°C
Relative Humidity
40% to 95%
RoHs Compliant
Yes
3. Test Setup
Figure 1. Impedance measurements (left hand) and peak gain, average gain,
efficiency and radiation pattern measurements (right hand)
Y
X
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com