Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILA08 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # ILA08
Description  868MHz Embedded Ceramic Loop Antenna
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ILA08 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  ILA08 Datasheet HTML 1Page - Taoglas antenna solutions ILA08 Datasheet HTML 2Page - Taoglas antenna solutions ILA08 Datasheet HTML 3Page - Taoglas antenna solutions ILA08 Datasheet HTML 4Page - Taoglas antenna solutions ILA08 Datasheet HTML 5Page - Taoglas antenna solutions ILA08 Datasheet HTML 6Page - Taoglas antenna solutions ILA08 Datasheet HTML 7Page - Taoglas antenna solutions ILA08 Datasheet HTML 8Page - Taoglas antenna solutions ILA08 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DSP-15-8- SPE-16-08-050/A/WY
Page 1 of 19
SPECIFICATION
Part No.
:
ILA.08
Description
: 868MHz Embedded Ceramic Loop Antenna
for ISM/Lora/LPWAN/Sigfox
Features
: 5.0mm *3.0mm * 0.5mm
High Efficiency
Omni-Directional
Low profile
Tiny Size
Surface-Mount
RoHS compliant


Similar Part No. - ILA08

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILA01 ETC2-ILA01 Datasheet
779Kb / 12P
Low Profile and High Efficient 915 MHz ISM Band Loop Antenna
logo
Taoglas antenna solutio...
ILA01 TAOGLAS-ILA01 Datasheet
976Kb / 12P
Low Profile and High Efficiency 915 MHz ISM Band Loop Antenna
logo
List of Unclassifed Man...
ILA02 ETC2-ILA02 Datasheet
642Kb / 11P
Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
logo
Taoglas antenna solutio...
ILA02 TAOGLAS-ILA02 Datasheet
986Kb / 12P
Low Profile and High Efficient 868 MHz ISM Band Loop Antenna
logo
Infineon Technologies A...
ILA03N60 INFINEON-ILA03N60 Datasheet
330Kb / 15P
LightMOS Power Transistor
Rev. 1.2 Apr-04
More results

Similar Description - ILA08

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
0868AT43A0020 JOHANSON-0868AT43A0020 Datasheet
177Kb / 3P
868MHz Antenna
logo
List of Unclassifed Man...
TI08C0112 ETC2-TI08C0112 Datasheet
330Kb / 3P
868MHz Terminal Antenna
logo
Pulse A Technitrol Comp...
W3016 PULSE-W3016 Datasheet
150Kb / 1P
868MHz Ceramic Chip Antenna
logo
Taoglas antenna solutio...
FW.86.RNT.M TAOGLAS-FW.86.RNT.M Datasheet
859Kb / 14P
External 868MHz Monopole Antenna
TI.08.C.0112 TAOGLAS-TI.08.C.0112 Datasheet
330Kb / 3P
868MHz Terminal Antenna
logo
Pulse A Technitrol Comp...
W3329 PULSE-W3329 Datasheet
1Mb / 13P
: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna : 868MHz PCB SMT Antenna: 868MHz PCB SMT Antenna :
logo
Taoglas antenna solutio...
LA02 TAOGLAS-LA02 Datasheet
1Mb / 20P
2.4GHz Embedded Loop Chip Antenna
HA21A TAOGLAS-HA21A Datasheet
2Mb / 25P
2dBi 868MHz Embedded Helical Monopole Antenna
logo
Pulse A Technitrol Comp...
W3214 PULSE-W3214 Datasheet
820Kb / 14P
868MHz On Ground Ceramic SMD Loop Antenna
logo
NimbeLink Corp.
CRJKS0010-LNA-G65U NIMBELINK-CRJKS0010-LNA-G65U Datasheet
512Kb / 2P
CRJKS0010 Embedded GPS Antenna Embedded Ceramic GPS Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com