Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS070113 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # TS070113
Description  Orange Straight TS.07 GPS/GLONASS/GALILEO/BeiDou Monopole Passive Antenna
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

TS070113 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  TS070113 Datasheet HTML 1Page - Taoglas antenna solutions TS070113 Datasheet HTML 2Page - Taoglas antenna solutions TS070113 Datasheet HTML 3Page - Taoglas antenna solutions TS070113 Datasheet HTML 4Page - Taoglas antenna solutions TS070113 Datasheet HTML 5Page - Taoglas antenna solutions TS070113 Datasheet HTML 6Page - Taoglas antenna solutions TS070113 Datasheet HTML 7Page - Taoglas antenna solutions TS070113 Datasheet HTML 8Page - Taoglas antenna solutions TS070113 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
SPE-14-8-115/A/EW
Page 3 of 30
2. Specification
ELECTRICAL
Straight Position
Band
BEIDOU
GPS/GAILEO
GLONASS
Frequency (MHz)
1561
1575.42
1602
Average Gain (dBi)
In Free Space
-4.70
-4.48
-4.13
Efficiency (%)
33.89
35.65
38.66
Peak Gain (dBi)
-0.79
-0.55
-0.23
Return Loss (dB)
< -7
Average Gain (dBi)
With 15x9cm
Ground Plane
-1.53
-1.50
-1.41
Efficiency (%)
70.29
70.78
72.23
Peak Gain (dBi)
1.99
1.94
1.96
Return Loss (dB)
< -10
Average Gain (dBi)
On 30x30cm
Metal Plane
Edge
-1.35
-1.41
-1.50
Efficiency (%)
73.20
72.35
70.81
Peak Gain (dBi)
4.05
4.04
3.98
Return Loss (dB)
< -10
Average Gain (dBi)
On 30x30cm
Metal Plane
Center
-2.10
-2.22
-2.36
Efficiency (%)
61.66
60.02
58.05
Peak Gain (dBi)
2.26
2.15
2.21
Return Loss (dB)
< -4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com