Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G751 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # G751
Description  Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G751 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button G751 Datasheet HTML 2Page - List of Unclassifed Manufacturers G751 Datasheet HTML 3Page - List of Unclassifed Manufacturers G751 Datasheet HTML 4Page - List of Unclassifed Manufacturers G751 Datasheet HTML 5Page - List of Unclassifed Manufacturers G751 Datasheet HTML 6Page - List of Unclassifed Manufacturers G751 Datasheet HTML 7Page - List of Unclassifed Manufacturers G751 Datasheet HTML 8Page - List of Unclassifed Manufacturers G751 Datasheet HTML 9Page - List of Unclassifed Manufacturers G751 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Ver: 2.2
Nov 07 2001
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G751
Global Mixed-mode Technology Inc.
Pointer Register
(Selects which registers will be read from or written to):
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Select
P0-P1 :Register Select:
P1
P0
REGISTER
0
0
Temperature (Read only) (Power-up default)
0
1
Configuration (Read/Write)
1
0
THYST (Read/Write)
1
1
TOS (Read/Write)
P2-P7 :Must be kept zero.
Temperature Register
(Read Only):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
X
X
X
X
X
X
X
D0-D6 :Undefined
D7-D15 :Temperature Data. One LSB = 0.5°C. Two’s complement format.
Configuration Register
(Read/Write):
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
Fault Queue
O.S. Polarity
Cmp/Int
Shutdown
Power up default is with all bits “0” (zero).
D0 :Shutdown : When set to 1 the G751 goes to low power shutdown mode.
D1 :Comparator / Interrupt mode : 0 is Comparator mode, 1 is Interrupt mode.
D2 :O.S. Polarity : 0 is active low, 1 is active high. O.S. is an open-drain output under all conditions.
D3-D4 :Fault Queue : Number of faults necessary to detect before setting O.S. output to avoid false tripping due
to noise :
D4
D3
NUMBER OF FAULTS
0
0
1 (Power-up default)
0
1
2
1
0
4
1
1
6
D5-D7 :These bits are used for production testing and must be kept zero for normal operation.
THYST and TOS Register
(Read/Write):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
X
X
X
X
X
X
X
D0-D6 :Undefined
D7-D15 :THYST Or TOS Trip Temperature Data. Power up default is TOS = 50°C /80°C for G751-1/G751-2, THYST =
45°C /75°C for G751-1/G751-2.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com