Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPC25B35 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # WPC25B35
Description  2dBi 25mm 2.4 Ghz Patch Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

WPC25B35 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  WPC25B35 Datasheet HTML 1Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 2Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 3Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 4Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 5Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 6Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 7Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 8Page - Taoglas antenna solutions WPC25B35 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPE-14-8-113/D/WY
Page 3 of 10
selected antenna in your device that will clearly show it complying with the peak gain limits,
so you can be assured you are meeting regulatory requirements for that module.
For example, a module manufacturer may state that the antenna must have less than 2dBi
peak gain, but you don’t need to select an embedded antenna that has a peak gain of less
than 2dBi in free-space. This will give you a less optimized solution. It is better to go for a
slightly higher free-space peak gain of 3dBi or more if available. Once that antenna gets
integrated into your device, performance will degrade below this 2dBi peak gain due to the
effects of GND plane, surrounding components, and device housing. If you want to be
absolutely sure, contact Taoglas and we will test. Choosing a Taoglas antenna with a higher
peak gain than what is specified by the module manufacturer and enlisting our help will
ensure you are getting the best performance possible without exceeding the peak gain limits.
2. Specification Table
No
Parameter
Specification
1
Frequency
2400 MHz - 2500 MHz
2
Impedance
50Ω
3
Bandwidth
100 MHz min Return Loss <-7dB
4
VSWR
2:1
Center Frequency
5
Gain toward Zenith
+3.5 dBic typ.
6
Efficiency
65% min.
7
Peak Gain
2 dBi min.
8
Polarization
Broadly Linear
9
Frequency Temperature
Coefficient(τf)
0 ± 20ppm/°C
10
Operating Temperature
-40ºC to +85ºC
11
Weight
5g
*The antenna is testing in free space.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com