Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC49016 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EC49016
Description  Standalone Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EC49016 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  EC49016 Datasheet HTML 1Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 2Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 3Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 4Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 5Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 6Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 7Page - List of Unclassifed Manufacturers EC49016 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EC49016
Standalone Linear Lithium Battery Charger
E-CMOS Corp. (www.ecmos.com.tw)
Page 7 of 8
2006/05/18
Stability Considerations
The constant-voltage mode feedback loop is stable without an output capacitor provided a battery is connected to the
charger output. With no battery present, an output capacitor is recommended to reduce ripple voltage. When using
high value, low ESR ceramic capacitors, it is recommended to add a 1Ω resistor in series with the capacitor. No series
resistor is needed if tantalum capacitors are used.
In constant-current mode, the PROG pin is in the feedback loop, not the battery. The constant-current mode stability is
affected by the impedance at the PROG pin. With no additional capacitance on the PROG pin, the charger is stable
with program resistor values as high as 20k. However, additional capacitance on this node reduces the maximum
allowed program resistor. The pole frequency at the PROG pin should be kept above 100kHz.
V
CC Bypass Capacitor
Many types of capacitors can be used for input bypassing, however, caution must be exercised when using multilayer
ceramic capacitors. Because of the self-resonant and high Q characteristics of some types of ceramic capacitors, high
voltage transients can be generated under some start-up conditions, such as connecting the charger input to a live
power source. Adding a 1.5Ω resistor in series with a ceramic capacitor will minimize start-up voltage transients.
Power Dissipation
The conditions that cause the SE9016 to reduce charge current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of this power dissipation is generated by the internal
MOSFET—this is calculated to be approximately:
P
D = (VCC – VBAT) • IBAT
The approximate ambient temperature at which the thermal feedback begins to protect the IC is:
T
A = 120°C – PDθJA
T
A = 120°C – (VCC – VBAT) • IBAT • θJA
Thermal Considerations
Because of the small size of the thin SOT23 package, it is very important to use a good thermal PC board layout to
maximize the available charge current. The thermal path for the heat generated by the IC is from the die to the copper
lead frame, through the package lead, (especially the ground lead) to the PC board copper. The PC board copper is
the heat sink. The footprint copper pads should be as wide as possible and expand out to larger copper areas to
spread and dissipate the heat to the surrounding ambient. Other heat sources on the board, not related to the charger,
must also be considered when designing a PC board layout because they will affect overall temperature rise and the
maximum charge current.
Application Hints



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com