Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSB01A001 Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # CSB01A001
Description  Cellular Booster 850/1900 MHz 2x SMA(F) Connectors and DC Power Connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CSB01A001 Datasheet(HTML) 5 Page - Taoglas antenna solutions

  CSB01A001 Datasheet HTML 1Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 2Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 3Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 4Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 5Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 6Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 7Page - Taoglas antenna solutions CSB01A001 Datasheet HTML 8Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SPE-15-8-004/C/JC
Page 5 of 8
4. Installation
Disclaimer: Installation of this device requires knowledge of basic electrical
and experience with installing electronic devices. We recommend seeking a
professional installer if you are not accustomed to installing electronics or
high tech devices. Installation of this device is at your own risk. Taoglas
assumes no responsibility for the installation or improper operation of this
device.
4.1 Required Items
1.
AC/DC power adapter, +8V to +36V output voltage, >6 Watts
2.
Cellular Antenna
3.
Coaxial cable with SMA(M) connector and proper connector required for
connecting to cellular device.
4.
Your cellular device
4.2 Instructions
1.
Connect Antenna to SMA connector labeled "Antenna".
2.
Connect coaxial cable to SMA connector labeled "Device".
3.
Connect other end of coaxial cable to your cellular device.
4.
Power your device and observe the LED indicators.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com