Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GXB2000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GXB2000
Description  Industry?셲 Smallest GPS Receiver Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GXB2000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GXB2000 Datasheet HTML 1Page - List of Unclassifed Manufacturers GXB2000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Supply voltage
3-V specifications
5-V specifications
Supply voltage
Current consumption
GXB1000
GXB2000
Backup mode
Current consumption
Operating temperature
3.1 to 3.6 V
1.8 to 3.0 V
4.5 to 5.5 V
83 mA (Typ.)
82 mA (Typ.)
30
µA (Typ.), 70 µA (Max)
-30 to 85
°C
s Figure 1 The GPS World: Expanding without Limit
s Table 1 Electrical Characteristics
s Figure 2-1 GXB1000 Package Dimensions
s Figure 2-2 GXB2000 Package Dimensions
Car Navigation
Still Camera
Digital Still Camera
PC
PDC
PDA
Marine
Watch
GHI
PRS
TUV
QZ
WXY
JKL
MNO
ABC
DEF
Ecological Research
47.30
36.50
Unit: mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com