Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC14033000D Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # PC14033000D
Description  Circular Dual-Band 2.4~5.2GHz PCB antenna
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PC14033000D Datasheet(HTML) 3 Page - Taoglas antenna solutions

  PC14033000D Datasheet HTML 1Page - Taoglas antenna solutions PC14033000D Datasheet HTML 2Page - Taoglas antenna solutions PC14033000D Datasheet HTML 3Page - Taoglas antenna solutions PC14033000D Datasheet HTML 4Page - Taoglas antenna solutions PC14033000D Datasheet HTML 5Page - Taoglas antenna solutions PC14033000D Datasheet HTML 6Page - Taoglas antenna solutions PC14033000D Datasheet HTML 7Page - Taoglas antenna solutions PC14033000D Datasheet HTML 8Page - Taoglas antenna solutions PC14033000D Datasheet HTML 9Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SPE-12-8-110/B/SS
Page 3 of 9
2.Specification
Parameter
Multi-Standard
Communication System
Frequency Range (GHz)
2.4
2.45
2.5
5.15
5.25
5.35
VSWR
1.46
1.66
1.60
1.76
1.41
1.48
Return Loss
-14.53
-12.1
-12.66
-11.14
-15.25
-14.18
Impedance
50 Ohms
Radiation
Omni
Polarization
Horizontal
MECHANICAL
Dimensions
42mm*0.8 mm
Connector
RP-SMA(M)
Cable Standard
RG-174
Weight
33g
ENVIRONMENTAL
Operation Temperature
-40 ºC ~ +85 ºC
Storage Temperature
-40 ºC ~ +85 ºC
RoHS Compliant
Yes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com