Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD29026AFP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # HD29026AFP
Description  Dual CCD Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29026AFP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button HD29026AFP Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29026AFP Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29026AFP Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29026AFP Datasheet HTML 7Page - List of Unclassifed Manufacturers HD29026AFP Datasheet HTML 8Page - List of Unclassifed Manufacturers HD29026AFP Datasheet HTML 9Page - List of Unclassifed Manufacturers HD29026AFP Datasheet HTML 10Page - List of Unclassifed Manufacturers HD29026AFP Datasheet HTML 11Page - List of Unclassifed Manufacturers HD29026AFP Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Figure 2
CL
RD
VCC
Input
Output
Pulse
generator
40
60
100
80
0
20
Operating frequency (MHz)
40
60
100
80
0
20
Operating frequency (MHz)
T = 25°C
V
= 12 V
2 circuit operation
CC
a
C = 1000 pF
L
500 pF
250 pF
0 pF
T = 25°C
V
= 12 V
1 circuit operation
CC
a
C = 1000 pF
L
500 pF
250 pF
0 pF
0.1
0.5
1.0
5
10
0.2
2
0.1
0.5
1.0
5
10
0.2
2
Cautions (HD29026A only)
The short output rise and fall time, as well as
the large output amplitude of this product
tends
to
generate
overshooting
and
undershooting.
The connection of 5 to 15
damping resistance (R
D ) to the output as
illustrated
in
figure
2
serves
to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com