Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR4402 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PR4402
Description  0.9V Boost Driver for White LEDs PR4401/4402 Requires Only One External Component
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PR4402 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PR4402 Datasheet HTML 2Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 3Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 4Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 5Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 6Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 7Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 8Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 9Page - List of Unclassifed Manufacturers PR4402 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LED DRIVER PR4401/PR4402
Influence of the LED Forward Voltage
measured with 1 LED / 2 LEDs in parallel; Vcc = 1.5V
Circuit
LED Peak
Forward Voltage
LED Mean Current
Mean Supply
Current
Efficiency
10 µH, 1 LED
5.8 V
20 mA
70 mA
77 %
10 µH, 2 LEDs ||
4.6 V
24 mA
70 mA
80 %
22 µH, 1 LED
4.2 V
13 mA
33 mA
82 %
22 µH, 2 LEDs ||
3.5 V
14 mA
32 mA
82 %
Peak forward voltages above approx. 5V are often considered as an overload condition
and may lead to a lower LED efficiency.
Application Notes
Selection of PR4401 and PR4402
The circuit type should be selected according to the required LED current.
PR4401 is best operated with inductors between 10 and 22µH.
PR4402 is best operated with inductors between 4.7 and 10µH.
Using lower inductances may lead to erratic behaviour, especially at low supply voltages
and should be avoided.
Operating with higher inductances is possible and will lead to lower supply and LED
current.
However the quiescent current which is independent of the inductance will lead to a lower
overall efficiency. Since PR4402 has about twice the quiescent current of PR4401, it is not
recommended for small LED currents.
LED compatibility
It must be considered that the peak current through the LED is a factor of up to 7 higher
than the mean current. LED lifetime may be affected if operated outside the range
specified by the LED vendor.
Since the emission spectrum of white LEDs usually depends on the current, the light color
may shift to blueish white. High peak currents may also saturate the LED and reduce the
light efficiency of the LED.
If the rated LED peak current is exceeded, it is recommended to use a smoothing
capacitor and diode to provide a continuous output current (see below). With most
standard LEDs, this will improve the overall performance with inductors of 10µH and less,
or mean output currents of 23mA and more.
Note that with especially with the higher currents of PR4402 the current rating of most
standard LEDs is exceeded, and more powerful or multiple LEDs must be used.
Inductor compatibility
While the series resistance of the coil has a small impact on the LED current, it is
important that the saturation current is higher than the maximum peak current over the
supply voltage range. Inductors optimized for DC-DC converters are mostly suitable.
© PREMA Semiconductor GmbH 2006-2008
Page 6/12
Rev 0908



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com