Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G32FS3-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74LVC1G32FS3-7
Description  SINGLE 2 INPUT POSITIVE OR GATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G32FS3-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  74LVC1G32FS3-7 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G32FS3-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74LVC1G32
Document number: DS32200 Rev. 8 - 2
2 of 14
www.diodes.com
July 2014
© Diodes Incorporated
74LVC1G32
Ordering Information
74 LVC1G 32 XXX -7
Logic Device
Function
Package
Packing
74 : Logic Prefix
32 :
2-Input
W5 : SOT25
-7 : 7” Tape & Reel
LVC : 1.65 to 5.5 V
OR Gate
SE : SOT353
Logic Family
Z : SOT553
1G : One Gate
FS3 : X2-DFN0808-4
FW5 : X1-DFN1010-6
FW4 :X2-DFN1010-6
FX4 : X2- DFN1409-6
FZ4 : X2- DFN1410-6
Part Number
Package
Code
Package
(Notes 4 & 5)
Package
Size
7” Tape and Reel
Quantity
Part Number Suffix
74LVC1G32W5-7
W5
SOT25
3.0mm X 2.8mm X 1.2mm
0.95 mm lead pitch
3000/Tape & Reel
-7
74LVC1G32SE-7
SE
SOT353
2.0mm X 2.0mm X 1.1mm
0.65 mm lead pitch
3000/Tape & Reel
-7
74LVC1G32Z-7
Z
SOT553
1.6mm X 1.6 mm X 0.62mm
0.5 mm lead pitch
4000/Tape & Reel
-7
74LVC1G32FS3-7
FS3
X2-DFN0808-4
0.9mm X 0.9 mm X 0.35mm
0.5 mm pad pitch (diamond)
5000/Tape & Reel
-7
74LVC1G32FW5-7
FW5
X1-DFN1010-6
1.0mm X 1.0mm X 0.5mm
0.35 mm pad pitch
5000/Tape & Reel
-7
74LVC1G32FW4-7
FW4
X2-DFN1010-6
1.0mm X 1.0mm X 0.4mm
0.35 mm pad pitch
5000/Tape & Reel
-7
74LVC1G32FX4-7
FX4
X2-DFN1409-6
(Chip scale alternative)
1.4mm X 0.9mm X 0.4mm
0.5 mm pad pitch
5000/Tape & Reel
-7
74LVC1G32FZ4-7
FZ4
X2-DFN1410-6
1.4mm X 1.0mm X 0.4mm
0.5 mm pad pitch
5000/Tape & Reel
-7
Notes:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
5. The taping orientation is located on our website at http://www.diodes.com/datasheets/ap02007.pdf
Pin Descriptions
Pin Name
Description
A
Data Input
B
Data Input
GND
Ground
Y
Data Output
VCC
Supply Voltage
NC
No Connection
Function Table
Inputs
Output
A
B
Y
H
X
H
X
H
H
L
L
L
Logic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com