Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-C08DZS30 Datasheet(PDF) 21 Page - Lite-On Technology Corporation

Part # LTPL-C08DZS30
Description  LED HIGH POWER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C08DZS30 Datasheet(HTML) 21 Page - Lite-On Technology Corporation

Back Button LTPL-C08DZS30 Datasheet HTML 17Page - Lite-On Technology Corporation LTPL-C08DZS30 Datasheet HTML 18Page - Lite-On Technology Corporation LTPL-C08DZS30 Datasheet HTML 19Page - Lite-On Technology Corporation LTPL-C08DZS30 Datasheet HTML 20Page - Lite-On Technology Corporation LTPL-C08DZS30 Datasheet HTML 21Page - Lite-On Technology Corporation LTPL-C08DZS30 Datasheet HTML 22Page - Lite-On Technology Corporation LTPL-C08DZS30 Datasheet HTML 23Page - Lite-On Technology Corporation LTPL-C08DZS30 Datasheet HTML 24Page - Lite-On Technology Corporation LTPL-C08DZS30 Datasheet HTML 25Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
021
LED HIGH POWER
C08 Product Series
BNC-OD-C131/A4
Created Date : 03/08/2013
Revison : 0.3, 05/08/2013
CCX&CCY
X,Y
IF=Typical Current
-0.007
+0.007
 LTPL-C08EXXXX
No
Test item
Condition
Duration
Number
of Failed
1
High Temperature Operating Life
(HTOL)
Tc=105°C, IF=350mA DC
(0, 250, 500, 750, 1000hrs)
1K hrs
0/20
2
High Temperature Operating Life
(HTOL)
Tc=85°C, IF=350mA DC
(0, 250, 500, 750, 1000hrs)
1K hrs
0/20
3
Room Temperature Operating Life
(RTOL)
Tc=55°C, IF=350mA DC
(0, 250, 500, 750, 1000hrs)
1K hrs
0/20
4
Wet High Temperature Operating
(WHTOL)
85°C/85%RH,
IF=350mA DC 30 min ON/OFF
1K hrs
0/20
5
Power Temperature Cycle (PTMCL)
-40°C to 105°C
15minutes dwell/15minutes transfer
5 minutes ON/5 minutes OFF IF=350mA DC
1K cycles
0/20
6
Non-Operating Thermal Shock (TMSK)
-40°C to 125°C
30minutes dwell, <10 seconds transfer
measure each 250 cycles (continues to fail, more
than 1k cycles)
1K cycles
0/20
7
Fast switch Cycling Test
40000cycles, 2 mins On/Off, Room
temperature(25°C+/-5°C), measurement in every
5000cycles
40K
cycles
0/20
Notes:
3. Operating life test are mounted on thermal heat sink
4. Storage item are only component, not put on heat sink.
Criteria for Judging the Damage
Item
Symbol
Test Condition
Criteria for Judgment
Min.
Max.
Forward Voltage
Vf
IF=Typical Current
-10%
+10%
Luminous Flux
Lm
IF=Typical Current
-15%
+15%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com