Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-C08EXS40 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTPL-C08EXS40
Description  LED HIGH POWER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-C08EXS40 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTPL-C08EXS40 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-C08EXS40 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
02
LED HIGH POWER
C08 Product Series
BNC-OD-C131/A4
Created Date : 03/08/2013
Revison : 0.3, 05/08/2013
1.
Description
The LiteON C08 Product series is a revolutionary, energy efficient and ultra-compact new light source, combining the lifetime
and reliability advantages of Light Emitting Diodes with the brightness of conventional lighting. It gives you total design freedom
and unmatched brightness, creating a new opportunities for solid state lighting to displace conventional lighting technologies.
1.1 Features
Compact high flux density light source
Uniform high quality illumination
Streamlined thermal path
MacAdam compliant binning structure
More energy efficient than incandescent, halogen and
fluorescent lamps
Instant light with unlimited dimming
RoHS compliant and Pb free
DC 12V/24V/48V, HV 100V/200V application
Enhanced optical control
Clean white light without pixilation
Uniform consistent white light
Significantly reduced thermal resistance and increased
operating temperatures
Lower operating costs
Reduced maintenance costs
ESD rating is 8KV in HBM
1.2 Available Part Numbers
Nominal CCT
Minimum CRI
Forward Voltage
Part Number
2700K
80
100V
LTPL-C08DZS27
3000K
80
100V
LTPL-C08DZS30
4000K
70
12V
LTPL-C08EXS40
2700K
80
12V
LTPL-C08EZS27
3000K
80
12V
LTPL-C08EZS30
4000K
80
12V
LTPL-C08EZS40
3000K
90
12V
LTPL-C08EQS30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com