Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-P00DMS30 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTPL-P00DMS30
Description  HIGH POWER LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-P00DMS30 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTPL-P00DMS30 Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-P00DMS30 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
Part No.: LTPL-P00DMS30
Page:
1
of
13
BNC-OD-C131/A4
1. Description
The LTPL (LiteOn Power LED) is a revolutionary, energy efficient and ultra compact new light source,
combining the lifetime and reliability advantages of Light Emitting Diodes with the brightness of
conventional lighting. It gives you total design freedom and unmatched brightness, creating a new
opportunities for solid state lighting to displace conventional lighting technologies.
Features
High power LED light source
Long life, up to 100k hours
Instant light (less than 100 ns)
Low voltage DC operated
Low thermal resistance
RoHS Compliant
Lead free reflow solder compatible
Applications
Reading lights (car, bus, aircraft)
Portable (flashlight, bicycle)
Downlighters/Orientation
Decorative/Entertainment
Bollards/Security/Garden
Cove/Undershelf/Task
Traffic signaling/Beacons/ Rail crossing and Wayside
Indoor/Outdoor Commercial Residential Architectural
Edge_lit signs (Exit, point of sale)
2. Outline Dimensions
Notes
1. All dimensions are in millimeters.
2. Tolerance is ±0.2 mm (.008") unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com