Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIS30L-R42P Datasheet(PDF) 3 Page - DDK Ltd.

Part # DIS30L-R42P
Description  Waterproof Industrial Rectangular Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DIS30L-R42P Datasheet(HTML) 3 Page - DDK Ltd.

  DIS30L-R42P Datasheet HTML 1Page - DDK Ltd. DIS30L-R42P Datasheet HTML 2Page - DDK Ltd. DIS30L-R42P Datasheet HTML 3Page - DDK Ltd. DIS30L-R42P Datasheet HTML 4Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Unit:mm
DIS Series
http://www.ddknet.co/jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
○Contact
3
Contact Type
Contact P/N
(100pcs. in 1 bag)
Applicable Wire
Hand Tool P/N
Extraction Tool P/N
Conductor Size Insulation Dia.
Crimping Type
CM10-#22SC(C1)(D8)-100
AWG20 〜 22 φ 1.10 〜φ 1.87
357J-50446T
357J-50548T
CM10-#22SC(C2)(D8)-100
AWG23 〜 28 φ 0.80 〜φ 1.50
357J-50447T
Solder Type
CM10-#22SC(S1)(D8)-100
AWG20 max.
Socket Contact
Pin Contact
寸法
角度
単
位
品名
図番
CM10-#22SC(C1)(D8)-5000
(#22ソケットコンタクト)
115J-10095(1/2)
C
10:1 mm
±30°
±0.1
15.6
6
検図
製写
承認
設計
寸法
角度
形式
機番
一般
公差
尺
度
単
位
品名
図番
改版
CM10-#22SC(C2)(D8)-5000
(#22ソケットコンタクト)
115J-10119(1/2)
A
10:1 mm
±30°
±0.1
江嶋
'08. 4. 7
江嶋
'08. 4. 7
数量 符号
図番
部品名称
材質
処理・他
6
15.6
第一電子工業株式会社
第3角法
5
検図
製写
承認
設計
寸法
角度
形式
機番
一般
公差
尺
度
単
位
品名
図番
改版
CM10-#22SC(S1)(D8)-8000
(#22ソケットコンタクト)
115J-10122(1/2)
A
10:1 mm
±30′
±0.1
江嶋
'08. 4. 7
江嶋
'08. 4. 7
15.6
6
品  名
図番
部品名称
材質
処理・他
CM10-#22SC(S1)(D8)- □□□□
CM10-#22SC(C1)(D8)- □□□□
CM10-#22SC(C2)(D8)- □□□□
18.2
6
Contact Type
Contact P/N
(100pcs. in 1 bag)
Applicable Wire
Hand Tool P/N
Extraction Tool P/N
Conductor Size
Crimp Type
CM09-#22PC-100
AWG24 〜 28
357J-50482T
357J-51374T
Note: The packaging specification is 100 pcs of contacts per bag for sale.
Contact P/N
(10000pcs. on 1 reel)
Applicable Wire
Semi-automatic Crimping Machine
Extraction Tool P/N
Conductor Size 
1set P/N
Applicator P/N
CM09-#22PC-10000
AWG24 〜 28
AP-A50458T
AP-A50458T-1
357J-51374T
Note: AP-A50458T is a set part number which includes both of the semi-automatic crimping machine and the applicator (striper/crimper).
CM09-#22PC- □□□□
Contact P/N
(5000pcs. on 1 reel)
Applicable Wire
Semi-automatic Crimping Machine
Extraction Tool P/N
Conductor Size Insulation Dia.
1set P/N
Applicator P/N
CM10-#22SC(C1)(D8)-5000
AWG20 〜 22 φ 1.10 〜φ 1.87 AP-A50539T
AP-A50539T-1
357J-50548T
CM10-#22SC(C2)(D8)-5000
AWG23 〜 28 φ 0.80 〜φ 1.50 AP-A50540T
AP-A50540T-1
Loose Piece Contact
Loose Piece Contact
※ Contacts are applied CM10's contacts.
※ Contacts are applied CM09’s contacts.
Reel Contact for Semi-Automatic Crimping Machine (Crimping Style Only)
1. The packaging specification is 100 pcs of contacts per bag for sale.
2.Both of the solder contacts and the crimp contacts shall be inserted into the inserts of the connectors after soldering the contacts to
the cable or crimping the contacts with the cable.
1. AP50539T and APA50540T are set part number which includes both of the semi-automatic crimping machine and the applicator (striper/
crimper).
2. Since AP-A50539T and AP-A50540T are same press machine, you can crimp both CM10-#22SC(C1)(D8)-5000 and CM10-#22SX(C2)(D8)-
5000 by changing applicator.
The semi-automatic crimping machine is required
when you terminate the reel contacts.
Reel Contact for Semi-Automatic Crimping Machine (Crimping Style Only) The semi-automatic crimping machine is required
when you terminate the reel contacts.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com