Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMS99C52 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # HMS99C52
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMS99C52 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button HMS99C52 Datasheet HTML 9Page - Hynix Semiconductor HMS99C52 Datasheet HTML 10Page - Hynix Semiconductor HMS99C52 Datasheet HTML 11Page - Hynix Semiconductor HMS99C52 Datasheet HTML 12Page - Hynix Semiconductor HMS99C52 Datasheet HTML 13Page - Hynix Semiconductor HMS99C52 Datasheet HTML 14Page - Hynix Semiconductor HMS99C52 Datasheet HTML 15Page - Hynix Semiconductor HMS99C52 Datasheet HTML 16Page - Hynix Semiconductor HMS99C52 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
HMS99C5X Series
Jan. 2003 Ver 1.0
9
FUNCTIONAL DESCRIPTION
The HMS99C5X series is fully compatible to the standard 8051 microcontroller family.
It is compatible with the general 8051 family. While maintaining all architectural and operational characteristics
of the general 8051 family.
Figure 1 shows a block diagram of the HMS99C5X series
Figure 1. Block Diagram of the HMS99C5X series
FRASH
4K/8K
RAM
128/256
×8
OSC & TIMING
CPU
Timer 0
Timer 1
Timer 2
Interrupt Unit
Serial Channel
Port 0
Port 1
Port 2
Port 3
Port 0
8-bit Digit. I/O
Port 1
8-bit Digit. I/O
Port 2
8-bit Digit. I/O
Port 3
8-bit Digit. I/O
XTAL1
XTAL2
RESET
EA/VPP
ALE/PROG
PSEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com