Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSSR8060 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSSR8060
Description  60 V/0.7 Ohm, General Purpose, 1 Form A, Solid State Relay
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSSR8060 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSSR8060 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSSR8060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Selection Guide
Maximum
Maximum
Maximum
6-Pin DIP
Maximum
ON
Output
Output
Hermetic
(300 Mil)
Speed
Resistance
Voltage
Current
Minimum
8-Pin
Single
t(ON)
R(ON)
VO(off)
Io(ON)
Input
Single
Channel
msec
Ω
V
mA
Current
Channel
Package
25
°C25°C25°C25°C
mA
Packages
HSSR-8400[1]
0.95
10
400
150
5
HSSR-8060
1.4
0.7
60
750
5
1.5
200
200
40
1
6
1
90
800
5
HSSR-7110[1]
Note:
1. Technical data are on a separate HP publication.
Ordering Information
Specify part number followed by Option Number (if desired).
HSSR-8060#XXX
300 = Gull Wing Surface Mount Lead Option
500 = Tape/Reel Package Option (1 k min.)
Option data sheets available. Contact your Hewlett-Packard sales representative or authorized distributor for
information.
Schematic
IF
VF
1
2
+
–
6
SWITCH
DRIVER
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com