Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT49C30L Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT49C30L
Description  8-Bit LCD Type MCU
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT49C30L Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT49C30L Datasheet HTML 17Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 18Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 19Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 20Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 21Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 22Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 23Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 24Page - Holtek Semiconductor Inc HT49C30L Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
HT49R30A-1/HT49C30-1/HT49C30L
Rev. 1.10
21
September 25, 2002
C O M 0
C O M 1
C O M 2
C O M 3
L C D s e g m e n t s O N
C O M 2 s i d e l i g h t e d
V A
V B
V C
V S S
V S S
V S S
V S S
V S S
V A
V B
V C
V A
V B
V C
V A
V B
V C
V A
V B
V C
N o t e : 1 / 4 d u t y , 1 / 3 b i a s , C t y p e : " V A " 3 / 2 V L C D , " V B " V L C D , " V C " 1 / 2 V L C D
1 / 4 d u t y , 1 / 3 b i a s , R t y p e : " V A " V L C D , " V B " 2 / 3 V L C D , " V C " 1 / 3 V L C D
1 / 3 b i a s o n l y f o r H T 4 9 R 3 0 A - 1 / H T 4 9 C 3 0 - 1
LCD driver output
Low voltage reset/detector functions for
HT49R30A-1/HT49C30-1
There is a low voltage detector (LVD) and a low voltage
reset circuit (LVR) implemented in the microcontroller.
These two functions can be enabled/disabled by op-
tions. Once the options of LVD is enabled, the user can
use the RTCC.3 to enable/disable (1/0) the LVD circuit
and read the LVD detector status (0/1) from RTCC.5;
otherwise, the LVD function is disabled.
The LVR has the same effect or function with the exter-
nal RES signal which performs chip reset. During HALT
state, LVR is disabled.
The definitions of RTCC register are listed in the follow-
ing table.
Register
Bit No.
Label
Read/Write
Reset
Function
RTCC
(09H)
0~2
RT0~RT2
R/W
111B
8 to 1 multiplexer control inputs to select the real
clock prescaler output
3
LVDC*
R/W
0
LVD enable/disable (1/0)
4
QOSC
R/W
0
32768Hz OSC quick start-up oscillating
0/1: quickly/slowly start
5
LVDO*
R
0
LVD detection output (1/0)
1: low voltage detected
6~7
¾¾
¾
Unused bit, read as
²0²
Note:
²*² For HT49R30A-1/HT49C30-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com