Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-192 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS9248-192
Description  Frequency Timing Generator for Transmeta Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-192 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS9248-192 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-192 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
ICS9248-192
0540E—08/20/03
Electrical Characteristics - 48MHz
TA = 0 - 70°C; VDD = 3.3 V , VDDL = 2.5V, +/-5%; CL = 10 - 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH5
IOH = -12 mA
2.6
V
Output Low Voltage
VOL5
IOL = 9 mA
0.4
V
Output High Current
IOH5
VOH = 2.0 V
-22
mA
Output Low Current
IOL5
VOL = 0.8 V
16
mA
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V
1.2
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V
1.2
ns
Duty Cycle
1
dt5
VT = 1.5 V
45
55
%
tjcyc-cyc5
VT = 1.5 V, REF
1000
ps
tjabs5
VT = 1.5 V, REF
800
ps
tjcyc-cyc5
VT = 1.5 V, 48 MHz
500
ps
tjabs5
VT = 1.5 V, 48 MHz
800
ps
Jitter
1
Jitter
1
Electrical Characteristics - PCICLK
TA = 0 - 70°C; VDD = 3.3 V, VDDL = 2.5V +/-5%; CL = 30 pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX UNITS
Output High Voltage
VOH1
IOH = -18 mA
2.1
V
Output Low Voltage
VOL1
IOL = 9.4 mA
0.4
V
Output High Current
IOH1
VOH = 2.0 V
-22
mA
Output Low Current
IOL1
VOL = 0.8 V
16
57
mA
Rise Time
1
tr1
VOL = 0.4 V, VOH = 2.4 V
2
ns
Fall Time
1
tf1
VOH = 2.4 V, VOL = 0.4 V
2
ns
Duty Cycle
1
dt1
VT = 1.5 V
45
55
%
Skew
1
tsk1
VT = 1.5 V
500
ps
tjcyc-cyc
1
VT = 1.5 V
500
ps
tjabs1
VT = 1.5 V
500
ps
1Guaranteed by design, not 100% tested in production.
Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com