Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9629 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9629
Description  12-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9629 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9629 Datasheet HTML 17Page - Analog Devices AD9629 Datasheet HTML 18Page - Analog Devices AD9629 Datasheet HTML 19Page - Analog Devices AD9629 Datasheet HTML 20Page - Analog Devices AD9629 Datasheet HTML 21Page - Analog Devices AD9629 Datasheet HTML 22Page - Analog Devices AD9629 Datasheet HTML 23Page - Analog Devices AD9629 Datasheet HTML 24Page - Analog Devices AD9629 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AD9629
Data Sheet
Rev. B | Page 20 of 32
CLOCK INPUT CONSIDERATIONS
For optimum performance, clock the AD9629 sample clock
inputs, CLK+ and CLK−, with a differential signal. The signal
is typically ac-coupled into the CLK+and CLK− pins via a
transformer or capacitors. These pins are biased internally (see
Figure 45) and require no external bias.
0.9V
AVDD
2pF
2pF
CLK–
CLK+
Figure 45. Equivalent Clock Input Circuit
Clock Input Options
The AD9629 has a very flexible clock input structure. The clock
input can be a CMOS, LVDS, LVPECL, or sine wave signal.
Regardless of the type of signal being used, clock source jitter is
of great concern,as described in the Jitter Considerations section.
Figure 46 and Figure 47 show two preferred methods for clock-
ing the AD9629. The CLK inputs supportup to 4× therated
sample rate when using the internal clockdivider feature.A low
jitter clock source is converted from a single-ended signal to a
differential signal using either an RF transformer or an RF balun.
0.1µF
0.1µF
0.1µF
0.1µF
SCHOTTKY
DIODES:
HSMS2822
CLOCK
INPUT
50Ω
100Ω
CLK–
CLK+
ADC
Mini-Circuits®
ADT1-1WT, 1:1 Z
XFMR
Figure 46. Transformer-Coupled Differential Clock (3 MHz to 200 MHz)
0.1µF
0.1µF
1nF
CLOCK
INPUT
1nF
50Ω
CLK–
CLK+
SCHOTTKY
DIODES:
HSMS2822
ADC
Figure 47. Balun-Coupled Differential Clock (Up to 4× Rated Sample Rate)
The RF balun configuration is recommended for clockfrequencies
between 80 MHzand 320 MHz,and the RF transformer is recom-
mended for clock frequencies from 3 MHz to 200 MHz. The
back-to-back Schottky diodes across the transformer/balun
secondary limit clock excursions into the AD9629 to ~0.8 V p-p
differential.
This limit helps prevent the large voltage swings of the clock
from feeding through to other portions of the AD9629 while
preserving the fast rise and fall times of the signal that are critical
to a low jitter performance.
If a low jitter clock source is not available, another option is to
ac couple a differential PECL signal to the sample clock input
pins, as shown in Figure 48. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516-4/AD9517-4 clock drivers
offer excellent jitter performance.
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
50kΩ
50kΩ
CLK–
CLK+
CLOCK
INPUT
CLOCK
INPUT
ADC
AD951x
PECL DRIVER
Figure 48. Differential PECL Sample Clock (Up to 4× Rated Sample Rate)
A third option is to ac couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 49. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516-4/
AD9517-4 clock drivers offer excellent jitter performance.
10
0Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
ADC
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
Figure 49. Differential LVDS Sample Clock (Up to 4× Rated Sample Rate)
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended 1.8 V CMOS signal. In such
applications, drive the CLK+ pindirectlyfrom a CMOS gate, and
bypass the CLK− pin to ground with a 0.1 μF capacitor (see
Figure 50).
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
50Ω1
1
50Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
ADC
VCC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 50. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)
Input Clock Divider
The AD9629 contains an input clock divider with the ability
to divide the input clock by integer values of 1, 2, or 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com