Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS511MLFT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS511MLFT
Description  LOCO PLL CLOCK MULTIPLIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS511MLFT Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS511MLFT Datasheet HTML 1Page - Integrated Circuit Systems ICS511MLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS511MLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS511MLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS511MLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS511MLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS511MLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS511MLFT Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LOCOTM PLL Clock Multiplier
MDS 511 G
6
Revision 102504
In te gr at ed Circuit Syst ems 525 Ra ce St reet , San Jose, CA 9512 6 t e l (4 08) 297 -1 201 www.icst.com
ICS511
Thermal Characteristics
Marking Diagram
Marking Diagram (Pb free)
Marking Diagram (Industrial grade)
Marking Diagram (Pb free/Industrial
grade)
Notes:
1. ###### is the lot number.
2. YYWW is the last two digits of the year and week that the part was assembled.
3. “LF” denotes Pb (lead) free package.
4. “I” denotes industrial grade.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W
ICS511M
######
YYWW
14
5
8
511MLF
######
YYWW
14
5
8
ICS511I
######
YYWW
14
5
8
511MILF
######
YYWW
14
5
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com