Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP10F070039B Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # AP10F070039B
Description  2 Stage 25dB 10mm Active GPS/GALILEO Ceramic Patch Antenna 39mm 0.81 Micro Coax with IPEX MHFI (U.FL compatible)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AP10F070039B Datasheet(HTML) 2 Page - Taoglas antenna solutions

  AP10F070039B Datasheet HTML 1Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 2Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 3Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 4Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 5Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 6Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 7Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 8Page - Taoglas antenna solutions AP10F070039B Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPE-12-8-004/B/SS
Page 2 of 10
1. Introduction
The AP.10F active GPS patch antenna is the smallest GPS/GALILEO high performance
antenna currently available in the world. It uses an extremely sensitive high dielectric
constant powder formulation and tight process control and patented circular polarized
side stripe design the 10*10*4mm patch antenna. The front end SAW filter reduces
the risks where there is a cellular transmitter nearby of interference from out of band
frequencies which can cause LNA burn-out, saturation, or radiated spurious emissions.
This product is suited to small form factor mobile devices such as GPS Smartphones,
Personal Location, Medical devices, Telematic devices and Automotive navigation and
tracking. Custom gain, connector and cable versions are available.
Custom tuning is available for specific customer device environments and is dependent
on a minimum order quantity and NRE in some cases. Please contact regional sales
office for details.
The AP.10E consists of 2 functional blocks – the LNA and also the patch antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com