Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB956 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # CAB956
Description  Taoglas Cable Assembly
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB956 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  CAB956 Datasheet HTML 1Page - Taoglas antenna solutions CAB956 Datasheet HTML 2Page - Taoglas antenna solutions CAB956 Datasheet HTML 3Page - Taoglas antenna solutions CAB956 Datasheet HTML 4Page - Taoglas antenna solutions CAB956 Datasheet HTML 5Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SPE-13-8-083/A/WY |
page 3 of 5
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
The Characteristic of RG316 Coaxial Cable
Rating Temp Voltage:
105°C 30V
Insulation Resistance:
3000 MΩ-Km (Min)
Conductor Resistance:
302 Ω/Km 20°C (Max)
Dielectric Strength:
AC 1 KV/Minute
Spark Test
5.0 KV
Nom. Impedance
50 ± 3 Ω
Nom. Capacitance
95.8 ± 3 pF/m
Nom. Vel. of Prop.
69%
VSWR (0-6 GHz)
Max 1.3
Attenuation
2GHz
2.4GHz
3GHz
4GHz
5GHz
6GHz
(dB / 1M)
1.35
1.5
1.62
1.91
2.2
2.7
Conductor
• Material - Silver
Coated Copper
Clad Steel
• 26AWG
(7/0.175mm)
• Diameter -
0.53mm
Insulation
• Material - FEP
• Avg. Thickness
- 0.51mm
• Diameter
- 1.53±0.03mm
• Colour - Clear
Braid Shield
• Material
- Silver Coated
Copper
• Structure -
16/5/0.10mm
• Coverage - 95%
• Diameter - 1.98
±
0.05mm
Braid Shield
• Material - Silver
- Coated Copper
• Structure -
16/5/0.10mm
• Coverage - 86%
• Diameter - 2.38
± 0.05mm
Jacket
• Material
- FEP
• Avg. Thickness -
0.30mm
• Diameter - 2.90±
0.10mm
• Colour - Brown



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com