Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CABA02 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # CABA02
Description  Taoglas Cable Assembly
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CABA02 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  CABA02 Datasheet HTML 1Page - Taoglas antenna solutions CABA02 Datasheet HTML 2Page - Taoglas antenna solutions CABA02 Datasheet HTML 3Page - Taoglas antenna solutions CABA02 Datasheet HTML 4Page - Taoglas antenna solutions CABA02 Datasheet HTML 5Page - Taoglas antenna solutions CABA02 Datasheet HTML 6Page - Taoglas antenna solutions CABA02 Datasheet HTML 7Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPE-11-8-118/C
Page 3 of 7
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
1
Insulation Resistance:
1000 MEGA OHM-KM Min.
2
Conductor Resistance:
1400 OHM/KM/20°C Max.
3
Dielectric Strength:
AC 1.0 KV/minute
4
Spark test:
2.5 KV
5
Nom. Impedance
50
 3 Ohms
6
Nom. Capacitance
97
 3 pF/m
7
Attenuation (dB/1M)
1.0GHz
3.60
2.0GHz
5.10
3.0GHz
6.20
4.0GHz
7.50
5.0GHz
8.50
6.0GHz
9.40



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com