Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS84329AVLFT Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS84329AVLFT
Description  700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84329AVLFT Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS84329AVLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 10Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 11Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 12Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 13Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 14Page - Integrated Circuit Systems ICS84329AVLFT Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
84329AV
www.icst.com/products/hiperclocks.html
REV. D DECEMBER 15, 2004
11
Integrated
Circuit
Systems, Inc.
ICS84329
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V
DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
The schematic of the ICS84329 layout example used in this
layout guideline is shown in
Figure 6A.The ICS84329 recommended
PCB board layout for this example is shown in
Figure 6B. This
layout example is used as a general guideline. The layout in the
LAYOUT GUIDELINE
FIGURE 6A. SCHEMATIC OF RECOMMENDED LAYOUT
actual system will depend on the selected component types, the
density of the components, the density of the traces, and the stack
up of the P.C. board.
M4
RD1
1K
M5
VCC
M6
C2
0.1u
VCC
C4
22p
RD0
1K
Zo = 50 Ohm
U1
84329AV
1
2
3
4
12
13
14
15
16
17
18
27
26
28
VCCA
nc
nc
XTALIN
M4
M5
M6
M7
M8
N0
N1
S_DATA
S_CLOCK
S_LOAD
RU8
1K
M7
Zo = 50 Ohm
Fo ut = 2 00 M Hz
R3
50
C16
10u
VCC=3.3V
RU9
SP
C3
22p
RD7
SP
R7
10
RU1
SP
M [8:0]= 110010000 (400)
N1
RU11
SP
RU10
1K
S P = S p ace (i .e . n o t i ntsta l l e d )
RD9
1K
X1
16MHz,18pF
RD6
1K
RU7
1K
VCCA
N2
M8
RD8
SP
C11
0.01u
C1
0.1uF
RU12
1K
R1
50
R2
50
N[1 :0 ] =0 1 (Di vi d e by 2 )
RU0
SP
RD10
SP
RD12
SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com