Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950812 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS950812
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950812 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS950812 Datasheet HTML 8Page - Integrated Circuit Systems ICS950812 Datasheet HTML 9Page - Integrated Circuit Systems ICS950812 Datasheet HTML 10Page - Integrated Circuit Systems ICS950812 Datasheet HTML 11Page - Integrated Circuit Systems ICS950812 Datasheet HTML 12Page - Integrated Circuit Systems ICS950812 Datasheet HTML 13Page - Integrated Circuit Systems ICS950812 Datasheet HTML 14Page - Integrated Circuit Systems ICS950812 Datasheet HTML 15Page - Integrated Circuit Systems ICS950812 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
ICS950812
0542G—08/21/03
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . 0°C to +90°C
Case Temperature . . . . . . . . . . . . . . . . . . . . . . 115°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under
Absolute Maximum Ratings may cause permanent damage to the device.These ratings
are stress specifications only and functional operation of the device at these or any other conditions above those listed
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 90°C; Supply Voltage VDD = 3.3 V +/-5%
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2
VDD+0.
3
V
Input Low Voltage
VIL
VSS-
0.3
0.8
V
IIH
VIN = VDD; Inputs with no pull-down
resistors
5.75
mA
IIH
VIN = VDD; Inputs with pull-down
resistors
200
µA
IIL1
VIN = 0 V; Inputs with no pull-up
resistors
-5.75
mA
IIL2
VIN = 0 V; Inputs with pull-up
resistors
-200
µA
IDD3.3OP
CL = Full load; Select @ 100 MHz
233
280
mA
IDD3.3OP
CL =Full load; Select @ 133 MHz
234
280
mA
IDD3.3PD
IREF=5 mA
20
52
mA
IDD3.3PDHIz
0.289
0.5
mA
Input Frequency
Fi
VDD = 3.3 V
14.32
MHz
Pin Inductance
Lpin
7nH
CIN
Logic Inputs
5
pF
COUT
Output pin capacitance
6
pF
CINX
X1 & X2 pins
27
30
45
pF
Clk Stabilization
1,2
TSTAB
From PowerUp or deassertion of
PowerDown to 1st clock.
12.1
ms
tPZH,tPZL
Output enable delay (all outputs)
1
12
ns
tPHZ,tPLZ
Output disable delay (all outputs)
1
12
ns
1Guaranteed by design, not 100% tested in production.
2See timing diagrams for buffered and un-buffered timing requirements.
Delay
1
Input Capacitance
1
Input High Current
Input Low Current
Operating Supply Current
Powerdown Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com