Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950902 Datasheet(PDF) 15 Page - Integrated Circuit Systems

Part # ICS950902
Description  Programmable Timing Control Hub??for P4?
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950902 Datasheet(HTML) 15 Page - Integrated Circuit Systems

Back Button ICS950902 Datasheet HTML 11Page - Integrated Circuit Systems ICS950902 Datasheet HTML 12Page - Integrated Circuit Systems ICS950902 Datasheet HTML 13Page - Integrated Circuit Systems ICS950902 Datasheet HTML 14Page - Integrated Circuit Systems ICS950902 Datasheet HTML 15Page - Integrated Circuit Systems ICS950902 Datasheet HTML 16Page - Integrated Circuit Systems ICS950902 Datasheet HTML 17Page - Integrated Circuit Systems ICS950902 Datasheet HTML 18Page - Integrated Circuit Systems ICS950902 Datasheet HTML 19Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
Integrated
Circuit
Systems, Inc.
ICS950902
0475G—03/23/04
Electrical Characteristics- SDRAM
TA = 0 - 70°C; VDD = 3.3V +/-5%, VDDL = 2.5V +/-5%; CL = 30 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH3
IOH = -28 mA
2.4
V
Output Low Voltage
VOL3
IOL = 20 mA
0.4
V
Output High Current
IOH3
VOH = 2.0 V
-40
mA
Output Low Current
IOL3
VOL = 0.8 V
41
mA
Rise Time1
tr3
VOL = 0.4 V, VOH = 2.4 V @ 100Mhz
1.53
2
ns
Fall Time1
tf3
VOH = 2.4 V, VOL = 0.4 V @ 100Mhz
1.62
2
ns
Duty Cycle1
dt3
VT = 1.5 V
45
50.2
55
%
Skew window1
tsk3
VT = 1.5 V
210
250
ps
Propagation Time
1 (Buffer
In to Output)
Tprop
VT = 1.5 V
5.6
6
ns
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics- DDRT/C
TA = 0 - 70°C; VDDL =2.5 V +/-5%, CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH3
IOH = -11 mA
2
2282
V
Output Low Voltage
VOL3
IOL = 11 mA
0.335
0.4
V
Output High Current
IOH3
VOH = 2.0 V
-12
mA
Output Low Current
IOL3
VOL = 0.8 V
12
mA
Rise Time
1
Tr3
1
20% to 80%
0.86
2.2
ns
Fall Time
1
Tf3
1
80% to 20%
0.65
2.2
ns
Duty Cycle
1
Dt3
1
VT = 50%
47
50.2
53
%
Skew (window)
Tsk
1
VT = 50%
81
250
ps
Jitter
tjcyc-cyc
1
VT = 1.5 V
146
250
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com