Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP10G01 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # AP10G01
Description  10mm SMT 14dB Active GPS/GALILEO Patch Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AP10G01 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  AP10G01 Datasheet HTML 1Page - Taoglas antenna solutions AP10G01 Datasheet HTML 2Page - Taoglas antenna solutions AP10G01 Datasheet HTML 3Page - Taoglas antenna solutions AP10G01 Datasheet HTML 4Page - Taoglas antenna solutions AP10G01 Datasheet HTML 5Page - Taoglas antenna solutions AP10G01 Datasheet HTML 6Page - Taoglas antenna solutions AP10G01 Datasheet HTML 7Page - Taoglas antenna solutions AP10G01 Datasheet HTML 8Page - Taoglas antenna solutions AP10G01 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPE-11-8-100/E/SS Page 3 of 10
2. Specification
ANTENNA
Frequency
1575.42 ± 1.023MHz
Gain (Patch)
Typ -10dBic @ Zenith
Gain (Patch and LNA)
8 ± 4dBic @ 90o
Impedance
50Ω
Polarization
RHCP
Axial Ratio
Max 4.0dB @ Zenith
Input Voltage
Min. 1.5V,
Typ. 1.8V,
Max. 3.3V
LNA
Frequency
1575.42 ± 1.023MHz
Outer Band Attenuation
F0=1575.42MHz
F0±30MHz
9dB min.
F0±50MHz
14dB min.
F0±100MHz 16dB min.
Output Impedance
50Ω
Output VSWR
2.0 Max
Pout at 1dB Gain
Compression point
Typ. 1dBm
LNA Gain, Power Consumption and Noise Figure
Voltage
LNA Gain (Typ)
Power Consumption(mA) Typ
Noise Figure Typ
Min. 1.5V
18dB
3.5mA
2.6dB
Typ. 1.8V
18dB
3.5mA
2.6dB
Max. 3.3V
18dB
3.5mA
2.6dB
MECHANICAL
Dimension
10mm x 10mm x 4mm (add 7.3mm depth for
vertical PCB)
Connection
SMT via solder pads
ENVIRONMENTAL
Operation Temperature
-20°C to + 85°C
Storage Temperature
-30°C to + 85°C
Relative Humidity
40% to 95%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com