Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS954201YGLNT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS954201YGLNT
Description  Programmable Timing Control Hub??for Mobile P4??Systems
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS954201YGLNT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS954201YGLNT Datasheet HTML 1Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 2Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 3Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 4Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 5Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 6Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 7Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 8Page - Integrated Circuit Systems ICS954201YGLNT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS954201
0819G—12/06/04
ICS954201 is a CK410M Yellow Cover clock synthesizer. ICS954201 provides a single-chip solution for mobile systems built
with Intel P4-M processors and Intel mobile chipsets. ICS954201 is driven with a 14.318MHz crystal and generates CPU
outputs up to 400MHz. It provides the tight ppm accuracy required by Serial ATA and PCI-Express.
General Description
Block Diagram
Power Groups
VDD
GND
48
51
Xtal, Ref
1,7
2,6
PCICLK outputs
21,28,34
29
SRCCLK outputs
37
38
Master clock, CPU Analog
11
13
DOT, USB, PLL_48
42
45
CPUCLK clocks
Description
Pin Number
PROG.
SPREAD
MAIN PLL
PCICLK(5:2)
CONTROL
LOGIC
XTAL
OSC.
CPUCLK(1:0)
FIXED PLL
USB_48MHz
DIVIDER
PROG.
DIVIDERS
REF
SRCCLK(6:0)
ITP_EN
SDATA
SCLK
TEST_MODE
X1
X2
IREF
FS(C:A)
TEST_SEL
VTT_PWRGD#/PD
DOT_96MHz
PCICLK_F(1:0)
CPUCLK2_ITP/SRCCLK7
PCI/SRC_STOP#
CPU_STOP#



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com